Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7182AS Datasheet(PDF) 7 Page - Rohm

Part # BA7182AS
Description  2-channel PRE / REC amplifier with auto-tracking interface
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7182AS Datasheet(HTML) 7 Page - Rohm

  BA7182AS Datasheet HTML 1Page - Rohm BA7182AS Datasheet HTML 2Page - Rohm BA7182AS Datasheet HTML 3Page - Rohm BA7182AS Datasheet HTML 4Page - Rohm BA7182AS Datasheet HTML 5Page - Rohm BA7182AS Datasheet HTML 6Page - Rohm BA7182AS Datasheet HTML 7Page - Rohm BA7182AS Datasheet HTML 8Page - Rohm BA7182AS Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Video ICs
BA7182AS
H
3.5 ~ VCC
L
—
0.0 ~ 1.2
DFF IN
Ch2 (PRE IN2 7pin)
Ch1 (PRE IN1 5pin)
Control voltage
VCTRL1 [V]
Function
Envelope detect
Control pin
Selected playback input
Reset on rising edge
•Control mode tables
(1) DFF IN (pin 1)
• Playback input selection (head switching)
• Playback output envelope detection timing control (integrate and hold one frame)
(2) H SYNC IN (pin 11)
• Controls recording AGC detector block operation.
Control pin
Function
AGC detect
Control voltage
VCTRL11 [V]
H
ON
2.7 ~ VCC
L
OFF
0.0 ~ 1.2
H SYNC
(3) PB / EE / REC CTRL (pin 15)
• Playback / recording mute / recording mode switching
Control voltage
VCTRL15 [V]
Function
Mode
Control pin
PB/EE/ REC
H
PB
ON
ON
OFF
OFF
3.8 ~ VCC
M
REC MUTE
OFF
OFF
ON
ON
2.2 ~ 2.8
L
REC
OFF
OFF
OFF
ON
0.0 ~ 1.2
REC MUTE
AT ENVE
PRE AMP
REC AMP
∗ Pin 15 is pulled up to VCC via a 33kΩ resistor.
(4) EP / SP CTRL (pin 21)
• Switching for the detector gain of the playback envelope detector.
EP / SP
H
3.5 ~ VCC
L
0.0 ~ 1.2
∗ Pin 21 is pulled up to VCC via a 50kΩ resistor.
Typ. + 6dB
Typ.
Control voltage
VCTRL21 [V]
Control pin
Function
AT ENVE gain



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com