Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7653AF Datasheet(PDF) 1 Page - Rohm

Part # BA7653AF
Description  Video signal switcher, 1 x 3-channel with clamped-input
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7653AF Datasheet(HTML) 1 Page - Rohm

  BA7653AF Datasheet HTML 1Page - Rohm BA7653AF Datasheet HTML 2Page - Rohm BA7653AF Datasheet HTML 3Page - Rohm BA7653AF Datasheet HTML 4Page - Rohm BA7653AF Datasheet HTML 5Page - Rohm BA7653AF Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Multimedia ICs
Video signal switcher, 1
× 3-channel
with clamped-input
BA7653AF
The BA7653AF is a video-signal switching IC that contains a three-channel clamped-input multiplexer. The inputs
are sync-tip clamped (synchronous edge of the video input signals are aligned to the same voltage), and as the input
impedance is extremely large, it is possible to use a small value for the clamp capacitor (the recommended capacitor
is 0.01
µF (FZ) ceramic).
•Applications
Video cassette recorders, television and camcorders
•Features
1) Small clamp capacitors can be used (ceramic,
3000pF (Min.), 0.01
µF (FS) (recommended)).
2) Low supply voltage operation possible. Supply volt-
age range is 3.7V to 7.7V.
3) Superimposition used for fast switching speed with
low switching noise (70nsec. Typ.).
4) Low power consumption (when VCC = 5V, 25mW
Typ.).
5) Wide dynamic range (3.1VP-P Typ. for VCC = 5V).
6) Excellent frequency characteristics (10MHz, 0dB
Typ.).
7) Low interchannel crosstalk ( – 70dB Typ.).
8) Voltage can be applied to the control pins even
when VCC is not applied.
•Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Limits
Unit
VCC
9V
mW
Topr
°C
Tstg
°C
500∗
Pd
– 25 ~ + 75
– 55 ~ + 125
Applied voltage
Power dissipation
Operating temperature
Storage temperature
∗ When mounted on a 50mm × 50mm board, reduced by 5mW for each increase in Ta of 1°C over 25°C.
•Recommended operating conditions (Ta = 25°C)
Parameter
Symbol
Limits
Unit
VCC
V
4.0 ~ 7.0
Power supply voltage


Similar Part No. - BA7653AF

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7653AF ROHM-BA7653AF Datasheet
222Kb / 5P
Single Circuit Video Signal Switchers
BA7653AF ROHM-BA7653AF Datasheet
491Kb / 10P
Single Circuit Video Signal Switcher
BA7653AFV ROHM-BA7653AFV Datasheet
220Kb / 5P
Single Circuit Video Signal Switchers
BA7653AFV ROHM-BA7653AFV Datasheet
491Kb / 10P
Single Circuit Video Signal Switcher
BA7653AF ROHM-BA7653AF_1 Datasheet
222Kb / 5P
Single Circuit Video Signal Switchers
More results

Similar Description - BA7653AF

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7602 ROHM-BA7602 Datasheet
75Kb / 6P
Video signal switcher
BA7603 ROHM-BA7603 Datasheet
77Kb / 6P
Video signal switcher
BA7606 ROHM-BA7606 Datasheet
82Kb / 6P
Video signal switcher
BA7607 ROHM-BA7607 Datasheet
89Kb / 7P
Video signal switcher
BA7611AN ROHM-BA7611AN Datasheet
57Kb / 4P
Video signal switcher
BA7612N ROHM-BA7612N Datasheet
57Kb / 5P
Video signal switcher
BA7649A ROHM-BA7649A Datasheet
65Kb / 5P
Video signal switcher
BA7652AF ROHM-BA7652AF Datasheet
65Kb / 6P
Video signal swither, 1 x 3-channel with clamped-input
BA7654F ROHM-BA7654F Datasheet
80Kb / 8P
2-input, 1-output video signal switcher
BA7001 ROHM-BA7001 Datasheet
64Kb / 3P
Video signal switcher
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com