Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7652AF Datasheet (PDF) - Rohm

BA7652AF Datasheet PDF - Rohm
Part # BA7652AF
Download  BA7652AF Download
File Size   65.08 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Video signal swither, 1 x 3-channel with clamped-input

BA7652AF Datasheet (PDF)

Go To PDF Page Download Datasheet
BA7652AF Datasheet PDF - Rohm

Part # BA7652AF
Download  BA7652AF Click to download

File Size   65.08 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Video signal swither, 1 x 3-channel with clamped-input

BA7652AF Datasheet (HTML) - Rohm


BA7652AF Product details

Description
The BA7654F, BA7653A F/FV or BA7652AF is a video signal (display signal) switch containing one 2-input or 3-input circuit. Each of the input pin formats is “sync-tip clamp input” that matches the synchronous tips of video signals (display signals) to the same potential. The inputs have an high input impedance configuration, in which they can utilize a small clamp capacitor (0.01 µF (FZ) ceramic capacitor is recommended).

Features
1) Low value clamp capacitance can be used (Min. 3000 pF Recommended 0.01µF (FZ) ceramic capacitor)
2) Low voltage operation is possible (Operating range 4.0~ 7.0V)
3) Superimposed can be applied since switching speed of SW is fast and there is little switching noise (Typ. 70ns)
4) Low power consumption (Typ. 25mW when Vcc=5V)
5) Large dynamic range (Typ. 3.1VP-P when Vcc=5V)
6) Good frequency characteristics (Typ. 10 MHz 0 dB)
7) Low interchannel crosstalk (Typ. –70 dB)
8) Voltage can be applied to the CTL pin without a VCC voltage.
9) Built-in mute function (BA7652AF)

Applications
    VCR, TV, and other applications that use display signals.




Similar Part No. - BA7652AF

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7652AF ROHM-BA7652AF Datasheet
153Kb / 5P
Single Circuit Video Signal Switchers
BA7652AF ROHM-BA7652AF Datasheet
491Kb / 10P
Single Circuit Video Signal Switcher
BA7652AF ROHM-BA7652AF_1 Datasheet
153Kb / 5P
Single Circuit Video Signal Switchers
More results


Similar Description - BA7652AF

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2534 NJRC-NJM2534 Datasheet
175Kb / 4P
3-INPUT 1-OUTPUT VIDEO SWITCH????
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
3-INPUT 1-OUTPUT VIDEO SWITCH??????
logo
Rohm
BA7653AF ROHM-BA7653AF Datasheet
64Kb / 6P
Video signal switcher, 1 x 3-channel with clamped-input
BA7654F ROHM-BA7654F Datasheet
80Kb / 8P
2-input, 1-output video signal switcher
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
MM1188 MITSUMI-MM1188 Datasheet
117Kb / 5P
3-Input 1-Output Video Switch (with Y-C mix)
logo
THine Electronics, Inc.
THC7984 THINE-THC7984 Datasheet
148Kb / 9P
10-bit 3-channel Video Signal Digitizer
logo
ON Semiconductor
LA73031V ONSEMI-LA73031V Datasheet
436Kb / 10P
Video Signal Input Switch
July, 2013
logo
3PEAK INC.
TPF1441C 3PEAK-TPF1441C Datasheet
1Mb / 13P
72M HD Composite Video Filter Driver with Clamped input Comparator
TPF1441NC 3PEAK-TPF1441NC Datasheet
988Kb / 10P
52M HD Composite Video Filter Driver with Clamped input Comparator
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com