Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7652AF Datasheet(PDF) 2 Page - Rohm

Part # BA7652AF
Description  Video signal swither, 1 x 3-channel with clamped-input
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7652AF Datasheet(HTML) 2 Page - Rohm

  BA7652AF Datasheet HTML 1Page - Rohm BA7652AF Datasheet HTML 2Page - Rohm BA7652AF Datasheet HTML 3Page - Rohm BA7652AF Datasheet HTML 4Page - Rohm BA7652AF Datasheet HTML 5Page - Rohm BA7652AF Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Multimedia ICs
BA7652AF
•Electrical characteristics (unless otherwise noted Ta = 25°C and VCC = 5.0V)
Parameter
Symbol
Unit
Conditions
Min.
Typ.
Max.
VCC
3.7
—
—
—
7.7
V
ICC
2.7
5.0
8.2
mA
Vom
2.6
3.1
—
VP-P
GV
– 0.5
0
dB
Cta
– 70
dB
Gf
– 3.0
0
dB
VTH L
—
—
1.0
V
VTH H
2.5
—
—
VTH =
45
× 20 (V)
VCC – VF
f = 1MHz, VIN = 1.0VP-P
f = 4.43MHz, VIN = 1.0VP-P
f = 10MHz / 1MHz, VIN = 1.0VP-P
f = 1kHz, THD = 1.0%
—
—
VCC – CTL Threshold Level
0.5
1.0
Operating voltage
Supply current
Maximum output level
Voltage gain
Interchannel crosstalk
Frequency characteristic
CTL switching voltage
•Guaranteed design parameters (unless otherwise noted Ta = 25°C and VCC = 5.0V)
Parameter
Symbol
Unit
Conditions
Min.
DG
—
0
0.5
%
DP
—
0.5
1.0
deg
Typ.
Max.
Differential gain
Differential phase
VIN = 1.0VP-P standard staircase signal
VIN = 1.0VP-P standard staircase signal
•Pin descriptions
1
IN1
2
CTLa
3
IN2
4
CTLb
5
IN3
6VCC
7OUT
8GND
Pin No.
Name
Input 1
Control input a
Input 2
Control input b
Input 3
Supply voltage
Output
GND
Function
•Control pin truth table
CTLa
CTLb
OUT
L
L
IN1
H
L
IN2
L
H
IN3
H
H
MUTE
•Block diagram
1
2
3
4
8
7
6
5
IN1
CTLa
IN2
CTLb
GND
OUT
IN3
Logic
VCC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com