Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7652AF Datasheet(PDF) 5 Page - Rohm

Part # BA7652AF
Description  Video signal swither, 1 x 3-channel with clamped-input
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7652AF Datasheet(HTML) 5 Page - Rohm

  BA7652AF Datasheet HTML 1Page - Rohm BA7652AF Datasheet HTML 2Page - Rohm BA7652AF Datasheet HTML 3Page - Rohm BA7652AF Datasheet HTML 4Page - Rohm BA7652AF Datasheet HTML 5Page - Rohm BA7652AF Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Multimedia ICs
BA7652AF
•Application examples
1
2
3
4
8
7
6
5
IN1
CTLa
IN2
CTLb
GND
OUT
IN3
LOGIC
Logic
Logic
C.Video IN
C.Video IN
C.Video OUT
C.Video IN
VCC
0.01
µF
0.01
µF
47
µF
0.1
µF
0.01
µF
VCC
+
When superimposition is used
1
2
3
4
8
7
6
5
IN1
CTLa
IN2
CTLb
GND
OUT
IN3
LOGIC
Logic
Logic
DC1.7V or more
DC1.7V or more
C.Video IN
C.Video or DC OUT
0.01
µF
47
µF
0.1
µF
VCC
VCC
Fig. 1
+
•Operation notes
(1) To ensure stable clamp operation, the output
impedance of the previous stage connected to the
inputs should be 1k
Ω or lower.
(2) If large input clamp capacitors are used, the time
constant of the circuit will mean that some time will be
required until stable operation after power is applied.
The value for the input clamp capacitors is 0.1
µF max.
(0.01
µF (FZ) ceramic capacitor recommended) .
(3) The BA7652AF is a three-channel multiplexer, but
two-channel operation is also possible. In this case, if
the unused input is left open it will oscillate, but this will
not effect the other inputs and cause problems. If this is
a concern, ground the unused input via a capacitor, or
connect it directly to VCC.
(4) If control inputs are left open they will be unstage,
set to H or L.
(5) When using superimposition, the DV voltage direct-
ly applied to the inputs should be at least 1.7V.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com