Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7657F Datasheet(PDF) 13 Page - Rohm

Part # BA7657F
Description  Input selector switch for high definition displays
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7657F Datasheet(HTML) 13 Page - Rohm

Back Button BA7657F Datasheet HTML 5Page - Rohm BA7657F Datasheet HTML 6Page - Rohm BA7657F Datasheet HTML 7Page - Rohm BA7657F Datasheet HTML 8Page - Rohm BA7657F Datasheet HTML 9Page - Rohm BA7657F Datasheet HTML 10Page - Rohm BA7657F Datasheet HTML 11Page - Rohm BA7657F Datasheet HTML 12Page - Rohm BA7657F Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
Multimedia ICs
BA7657F / BA7657S
•External dimensions (Units: mm)
SOP24
SDIP24
0.15
0.4 ± 0.1
15.0 ± 0.2
0.3Min.
24
1
13
12
1.27
0.3 ± 0.1
7.62
22.9 ± 0.3
0.5 ± 0.1
1.778
13
12
24
1
0° ~ 15°
BA7657F
BA7657S
Resistors attached to analog switch outputs
Because analog switch frequency characteristics de-
pend on output load capacity, set external resistance
(Ro) so that the frequency characteristics remain flat. A
too-large resistance will suppress the characteristic
peak.
•Operation notes
•Electrical characteristic curves
1M
10M
100M
300M
0
2
4
FREQUENCY: f (Hz)
– 2
– 4
– 6
– 8
– 10
– 12
– 14
Fig. 4 Frequency characteristics
〈sink level Vs〉
280mV
50mV
Duty25%
10.0
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0.0
20
40
60
80 100 120 140 160 180 200
FREQUENCY: fH (kHz)
130mV
Fig. 6 Minimum SYNC
separation characteristics
1M
10M
100M
300M
10
0
FREQUENCY: f (Hz)
– 10
– 20
– 30
– 40
– 50
– 60
– 70
– 80
– 90
Fig. 5 Interchannel crosstalk characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com