Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7657F Datasheet(PDF) 6 Page - Rohm

Part # BA7657F
Description  Input selector switch for high definition displays
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7657F Datasheet(HTML) 6 Page - Rohm

Back Button BA7657F Datasheet HTML 2Page - Rohm BA7657F Datasheet HTML 3Page - Rohm BA7657F Datasheet HTML 4Page - Rohm BA7657F Datasheet HTML 5Page - Rohm BA7657F Datasheet HTML 6Page - Rohm BA7657F Datasheet HTML 7Page - Rohm BA7657F Datasheet HTML 8Page - Rohm BA7657F Datasheet HTML 9Page - Rohm BA7657F Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Multimedia ICs
BA7657F / BA7657S
•Guaranteed design parameters (unless otherwise noted, Ta = 25°C, VCC = 5.0V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Measurement circuit
Input pin crosstalk 2
〈Analog switch unit〉
CTI2
—
dB
Fig.2
Block crosstalk 2
CTB2
—
dB
Fig.2
Frequency characteristic deviation
Gf
dB
Fig.2
Input pin frequency characteristic deviation
∆GfI
0
dB
Fig.2
Block frequency characteristic deviation
∆GfB
0
– 30
– 15
– 30
– 15
– 6
– 3
– 1
– 1
+ 1
– 1
+ 1
dB
Fig.2
f = 230MHz, VIN = 1VP-P
f = 230MHz, VIN = 1VP-P
f = 1MHz / 230MHz, VIN = 1VP-P
f = 1MHz / 100MHz, VIN = 1VP-P
f = 1MHz / 100MHz, VIN = 1VP-P
SYNC separation frequency
fH-R
200
—
—
kHz
input waveform∗1
Fig.3
SYNC separation pulse width 1
pwH1
3.0
—
—
µs
input waveform∗2 fH = 20kHz
Fig.3
SYNC separation pulse width 2
pwH2
0.5
—
—
µs
input waveform∗2 fH = 100kHz
Fig.3
SYNC separation pulse width 3
pwH3
0.3
—
—
µs
input waveform∗2 fH = 200kHz
Fig.3
SYNC separation level 1
〈SYNC separation unit〉
VS1
300
—
—
µs
input waveform∗3 fH = 20kHz
Fig.3
SYNC separation level 2
VS2
100
—
—
µs
input waveform∗3 fH = 100kHz
Fig.3
SYNC separation level 3
VS3
60
—
—
µs
input waveform∗3 fH = 200kHz
Fig.3
Input waveform (input to pin 3 or 9 [see illustration to right], Ro = 240
Ω)
∗1 Vs and pwH = variable. Vs and pwH are interrelated. Refer to characteristics graph.
∗2 Vs = 130mV, pwH = variable
∗3 pwH = 1µs, Vs = variable
Duration of horizontal synchronization signal
Duty 25%
Vr = 0.7V
Vs = 130mV
pwH = 1
µs
(1H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com