Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7735FS Datasheet(PDF) 1 Page - Rohm

Part # BA7735FS
Description  Electronic volume for VCRs and audio devices
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7735FS Datasheet(HTML) 1 Page - Rohm

  BA7735FS Datasheet HTML 1Page - Rohm BA7735FS Datasheet HTML 2Page - Rohm BA7735FS Datasheet HTML 3Page - Rohm BA7735FS Datasheet HTML 4Page - Rohm BA7735FS Datasheet HTML 5Page - Rohm BA7735FS Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
865
Audio ICs
Electronic volume for VCRs and audio
devices
BA7735FS
The BA7735FS is an electronic volume IC developed for VCRs and audio devices.
FApplications
VCRs
FFeatures
1) Internal high-performance electronic volume with a
dynamic range of 100dB (Typ.).
2) Internal switching between EVR ON and EVR OFF
modes.
3) Gain of output amplifier can be set to any value be-
tween 0 and 12dB using an external resistor.
4)
±2 power supply supported.
FAbsolute maximum ratings (Ta = 25_C)


Similar Part No. - BA7735FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7725 ROHM-BA7725 Datasheet
94Kb / 8P
Analog compander for KARAOKE echo systems
BA7725FS ROHM-BA7725FS Datasheet
94Kb / 8P
Analog compander for KARAOKE echo systems
BA7725S ROHM-BA7725S Datasheet
94Kb / 8P
Analog compander for KARAOKE echo systems
BA7726 ROHM-BA7726 Datasheet
148Kb / 11P
Analog compander with vocal fader for KARAOKE
BA7726AFS ROHM-BA7726AFS Datasheet
148Kb / 11P
Analog compander with vocal fader for KARAOKE
More results

Similar Description - BA7735FS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7537N SANYO-LC7537N Datasheet
284Kb / 11P
Electronic Volume Control System for Audio Equipment
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
Electronic Volume Control for Car Audio Systems
LC7538JM SANYO-LC7538JM Datasheet
283Kb / 13P
Electronic Volume Control System for Car Audio ?
LC75410E SANYO-LC75410E Datasheet
234Kb / 28P
Electronic Volume Controller for Car Audio Systems
LC75412E SANYO-LC75412E Datasheet
204Kb / 21P
Electronic Volume Controller for Car Audio Systems
LC75412WS SANYO-LC75412WS Datasheet
185Kb / 19P
Electronic Volume Controller for Car Audio Systems
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
For Car Audio Systems Electronic Volume IC
LV3329PE SANYO-LV3329PE Datasheet
230Kb / 30P
For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
Electronic Volume IC for Car Audio Systems
May, 2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com