Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7795LS Datasheet(PDF) 7 Page - Rohm

Part # BA7795LS
Description  VCR standard audio signal processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7795LS Datasheet(HTML) 7 Page - Rohm

Back Button BA7795LS Datasheet HTML 3Page - Rohm BA7795LS Datasheet HTML 4Page - Rohm BA7795LS Datasheet HTML 5Page - Rohm BA7795LS Datasheet HTML 6Page - Rohm BA7795LS Datasheet HTML 7Page - Rohm BA7795LS Datasheet HTML 8Page - Rohm BA7795LS Datasheet HTML 9Page - Rohm BA7795LS Datasheet HTML 10Page - Rohm BA7795LS Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Video ICs
BA7795LS / BA7795FS
(3) Playback operation
The signal applied to PB IN is amplified by playback
equalizer amplifier. At this time, the REC HEAD switch
is switched on by a control signal to REC / EE, and the
potential on one side of the head is fixed at GND . The
playback equalizer amplifier gain and equalizer charac-
teristics are set externally. The playback level is set by
the resistor divider between PB OUT and the playback
line input, The signal to the playback line input passes
though the input switch, is amplified by 20dB in the line
amplifier, and is output to the output buffer (the voltage
gain is different to that for the LINE input and TUNER
input).
It is possible to switch between the input block head
equalizer resonance point and playback equalizer char-
acteristic using the EQ CTRL control signal.
The line output can be stopped by setting muting mode
on using the MUTE CTRL signal. The ALC circuit and
recording amplifier are stopped in playback mode.
Signal flow for playback operation
1
3
5
7
9
11
13
15
17
19
21
23
2
4
6
8
10
12
14
16
18
20
22
24
+
+
+
+
+
REC + B
22
µ
33
µ
22
µ
10
µ
0.1
µ
47
µ
0.01
µ
39k
ALC
LINE
3.3
µ
330k
330k
12k
8.2k
4.7k
4.7k
0.1
µ
VCC
REC
– 20dB
2.2M
4.7k
8.2k
15k
1.5k
10
µ
+ 28dB
0.1
µ
REC / EE CTRL
EQ CTRL
PB / TU / EE
CTRL
MUTE
CTRL
BIAS
OSC
LINE IN
TUNER IN
LINE OUT
BA7795LS
C [F]
Units: R [
Ω]
∗ The BA7795FS has a different pin layout to the BA7795LS.
Fig. 4 Signal flow for playback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com