Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7795LS Datasheet(PDF) 10 Page - Rohm

Part # BA7795LS
Description  VCR standard audio signal processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7795LS Datasheet(HTML) 10 Page - Rohm

Back Button BA7795LS Datasheet HTML 4Page - Rohm BA7795LS Datasheet HTML 5Page - Rohm BA7795LS Datasheet HTML 6Page - Rohm BA7795LS Datasheet HTML 7Page - Rohm BA7795LS Datasheet HTML 8Page - Rohm BA7795LS Datasheet HTML 9Page - Rohm BA7795LS Datasheet HTML 10Page - Rohm BA7795LS Datasheet HTML 11Page - Rohm BA7795LS Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Video ICs
BA7795LS / BA7795FS
•Operation notes
(1) ALC level
Set the ALC level in the range – 8dBV to 0dBV by
selecting the values of resistors R1 and R2 connected
between BIAS, ALC LEVEL and GND.
The formula for approximating the value of this resistor
is as follows:
If the ALC level setting is too low, level variation will
increase compared to that of the standerd level (VOA =
– 6dBV), and conversely, if the level is too high, the
level variation will decrease, but distortion will
increase.There is almost no temperature characteristic,
but the ALC level does vary with supply voltage (VCC)
as shown in the formula above. Use care when setting
it.
(2) Mute signal
Apply the mute signal shown below at power on and
off. If the muting time is short, a pop sound will be audi-
ble, particularly when the power is switched on.
Also, be certain to apply the mute signal when switch-
ing between PB / LINE / TU. In the case of LINE / TU
switching, it is possible to suppress switching noise by
applying a time constant to the signal, in which case it
is not necessary to apply the mute signal.
(3) Recording control
Do not switch the PB and REC modes on togther. This
will cause faulty operation.
(4) Line output
The line output can drive a load resistance of up to
2k
Ω. Depending on the type of load, it can cause local
oscillation (eg. large capacitive loads that draw large
current), so caution is required. In particular, when
there is a possibility that the line output will be connect-
ed to a shielded cable, or line cable, connect a resistor
of about 1k
Ω in series with the output so that the
capacitive load is not directly coupled to the IC output
terminal.
2sec or more
(H)
VCC
MUTE CTRL
LINE OUT
(H)
Fig. 7
2
VCC – 0.7
R1
R1 + R2
• VBIAS
VOA =
=
•
•
1
R1
R1 + R2
2
1
2
•
2
VCC – 0.7
R1
R1 + R2
VBIAS
VBIAS =
BIAS
ALC LEVEL
Fig. 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com