Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7795FS Datasheet(PDF) 2 Page - Rohm

Part # BA7795FS
Description  VCR standard audio signal processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7795FS Datasheet(HTML) 2 Page - Rohm

  BA7795FS Datasheet HTML 1Page - Rohm BA7795FS Datasheet HTML 2Page - Rohm BA7795FS Datasheet HTML 3Page - Rohm BA7795FS Datasheet HTML 4Page - Rohm BA7795FS Datasheet HTML 5Page - Rohm BA7795FS Datasheet HTML 6Page - Rohm BA7795FS Datasheet HTML 7Page - Rohm BA7795FS Datasheet HTML 8Page - Rohm BA7795FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Video ICs
BA7795LS / BA7795FS
•Pin descriptions
BA7795LS Pin No.
BA7795FS Pin No.
Pin name
Function
17
HEAD EQ
28
PB IN
39
REC HSW
410
GND
511
RIPPLE FILTER
612
PB NFB
713
VCC
814
PB EQ
915
EQ CTRL
10
16
PB OUT
11
17
PB / TU / EE CTRL
12
18
PB LINE IN
13
19
ALC LEVEL
14
20
ALC FILTER
15
21
BIAS
16
22
LINE IN
17
23
MUTE CTRL
18
24
TUNER IN
19
1
REC NFB
20
2
GND
21
3
REC OUT
22
4
BF OUT
23
5
REC EQ
24
6
REC / EE CTRL
Head resonance capacitor switch
Playback amplifier input / playback head switch
High-withstanding voltage recording head switch
GND (playback amplifier)
Ripple filter
Playback amplifier feedback
Power supply
Playback EQ switch
EQ control
Playback amplifier output
PB / TU / EE control (PB / EE control)
Playback line amplifier
ALC level setting
ALC filter time constant
Bias
Line input
MUTE control
Tuner input (REC / EE control)
Recording amplifier feedback
GND
Recording amplifier output
Line amplifier output
Recording EQ switch (recording EQ switch 2)
REC / EE control (recording EQ switch 1)
•Absolute maximum ratings (Ta = 25°C)
•Recommended operating conditions (Ta = 25°C)
Parameter
Symbol
Limits
Unit
VCC
13
V
BA7795LS
Pd
mW
BA7795FS
Topr
°C
Tstg
°C
400∗1
800∗2
– 10 ~ + 65
– 55 ~ + 125
∗1 Reduced by 4.0mW for each increase in Ta of 1°C over 25°C.
∗2 Reduced by 8.0mW for each increase in Ta of 1°C over 25°C.
Applied voltage
Power
dissipation
Operating temperature
Storage temperature
Parameter
Symbol
Limits
Unit
7.5 ~ 12.5
V
VCC
Power supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com