Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7795FS Datasheet(PDF) 8 Page - Rohm

Part # BA7795FS
Description  VCR standard audio signal processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7795FS Datasheet(HTML) 8 Page - Rohm

Back Button BA7795FS Datasheet HTML 4Page - Rohm BA7795FS Datasheet HTML 5Page - Rohm BA7795FS Datasheet HTML 6Page - Rohm BA7795FS Datasheet HTML 7Page - Rohm BA7795FS Datasheet HTML 8Page - Rohm BA7795FS Datasheet HTML 9Page - Rohm BA7795FS Datasheet HTML 10Page - Rohm BA7795FS Datasheet HTML 11Page - Rohm BA7795FS Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Video ICs
BA7795LS / BA7795FS
•Control mode table
(1) REC / EE CTRL, PB / TU / EE CTRL
L
L
OFF
ON
LINE
OFF
L
M
TUNER
OFF
ON
TUNER
OFF
L
H
PB
OFF
ON
PB
OFF
H
L
ON
OFF
LINE
ON
H
M
ON
OFF
ON
H
H
inhibit
————
TUNER
LINE REC
TUNER REC
REC / EE
PB / TU / EE
PB HSW
REC HSW
LINE SW
REC AMP
Mode
Control pins
Function
If REC / EE CTRL is set to "M", the REC pause state is possible (REC head switch: open, REC amplifier: off).
Mode
LINE
(2) MUTE CTRL
MUTE
H
MUTE
OPEN
L
MUTE
CLOSE
LINE SW
Function
Mode
Control pins
(3) EQ CTRL
E Q
L
SP
SP
OFF
CLOSE
OFF
M
—
LP
ON
OPEN
OFF
H
EP
EP
ON
OPEN
ON
2 MODE
3 MODE
HEAD EQ SW
PB EQ SW
REC EQ SW
Control pins
Mode
Function
The L, M and H thresholds are: L to M: 1.7V, L to H: 2.5V, and M to H: 3.3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com