Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0039301201 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0039301201
Description  4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0039301201 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0039301201 Datasheet HTML 1Page - Molex Electronics Ltd. 0039301201 Datasheet HTML 2Page - Molex Electronics Ltd. 0039301201 Datasheet HTML 3Page - Molex Electronics Ltd. 0039301201 Datasheet HTML 4Page - Molex Electronics Ltd. 0039301201 Datasheet HTML 5Page - Molex Electronics Ltd. 0039301201 Datasheet HTML 6Page - Molex Electronics Ltd. 0039301201 Datasheet HTML 7Page - Molex Electronics Ltd. 0039301201 Datasheet HTML 8Page - Molex Electronics Ltd. 0039301201 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0039301201
Status:
Active
Overview:
minifit_jr
Description:
4.20mm (.165") Pitch Mini-Fit Jr.™ Header, Dual Row, Right Angle, with Snap-in Plastic
Peg PCB Lock, 20 Circuits, PA Polyamide Nylon 6/6 94V-2, 0.76µm (30µ") Gold (Au)
Plating
Documents:
3D Model
Product Specification PS-5556-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
PCB Headers
Series
5569
Application
Wire-to-Board
Comments
Current = 13A max. per circuit when header is mated
to a receptacle loaded with 45750 Mini-Fit Plus HCS™
Crimp Terminal Crimpted to to 16 AWG wire. . See
Molex Product specification PS-5556-001 for additional
current de-rating information.
Overview
minifit_jr
Product Name
Mini-Fit Jr.™
Physical
Breakaway
No
Circuits (Loaded)
20
Circuits (maximum)
20
Circuits Detail
20
Color - Resin
Natural
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-2
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
Nylon
Number of Rows
2
Orientation
Right Angle
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.070 In
PCB Thickness Recommended (mm)
1.78 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.165 In
Pitch - Mating Interface (mm)
4.20 mm
Pitch - Term. Interface (in)
0.165 In
Pitch - Term. Interface (mm)
4.20 mm
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
5569Series
Mates With
5557 Mini-Fit Jr.™ Receptacle Housing


Similar Part No. - 0039301201

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0039301201 MOLEX1-0039301201_18 Datasheet
36Kb / 2P
Mini-Fit Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock
More results

Similar Description - 0039301201

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0039300223 MOLEX3-0039300223 Datasheet
280Kb / 9P
4.20mm (.165") Pitch Mini-Fit Jr.??Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock
0039301122 MOLEX3-0039301122 Datasheet
280Kb / 9P
4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock
0039300203 MOLEX3-0039300203 Datasheet
280Kb / 9P
4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock
0039301142 MOLEX3-0039301142 Datasheet
280Kb / 9P
4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock
0039301243 MOLEX3-0039301243 Datasheet
283Kb / 9P
4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock
0039300064 MOLEX3-0039300064 Datasheet
280Kb / 9P
4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock
0039300124 MOLEX3-0039300124 Datasheet
280Kb / 9P
4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock
0039307166 MOLEX3-0039307166 Datasheet
280Kb / 9P
4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock
0039300243 MOLEX3-0039300243 Datasheet
282Kb / 9P
4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock
0039301140 MOLEX3-0039301140 Datasheet
280Kb / 9P
4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com