Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0039301201 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0039301201
Description  4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0039301201 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0039301201 Datasheet HTML 1Page - Molex Electronics Ltd. 0039301201 Datasheet HTML 2Page - Molex Electronics Ltd. 0039301201 Datasheet HTML 3Page - Molex Electronics Ltd. 0039301201 Datasheet HTML 4Page - Molex Electronics Ltd. 0039301201 Datasheet HTML 5Page - Molex Electronics Ltd. 0039301201 Datasheet HTML 6Page - Molex Electronics Ltd. 0039301201 Datasheet HTML 7Page - Molex Electronics Ltd. 0039301201 Datasheet HTML 8Page - Molex Electronics Ltd. 0039301201 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
REVISION:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2010-0398
L3
DATE:
2009/09/02
TITLE:
MINI-FIT JR.
® RIGHT ANGLE
HEADER ASSEMBLIES
WITH MOUNTING PEGS
- 2 -
DOCUMENT NUMBER:
Drawn By:
Checked By:
Approved By:
SDA-5569-NA2*-*
JJAGUILAR
JBELL
FSMITH
Filename: SPOMASTER.DOC
Revision: 1
Location: Workmanager General Docs Class.
Date: 4-15-2002
PART
NUMBER
ENG.
NUMBER
CKT.
SIZE
PLATING
(NOTE 2)
HSG
MAT'L
PART
NUMBER
ENG.
NUMBER
CKT.
SIZE
PLATING
(NOTE 2)
HSG
MAT'L
39-30-1020
5569-02A2
2
39-30-0020
5569-02A2-210
2
39-30-1040
5569-04A2
4
39-30-0040
5569-04A2-210
4
39-30-1060
5569-06A2
6
39-30-0060
5569-06A2-210
6
39-30-1080
5569-08A2
8
39-30-0080
5569-08A2-210
8
39-30-1100
5569-10A2
10
39-30-0100
5569-10A2-210
10
39-30-1120
5569-12A2
12
39-30-0120
5569-12A2-210
12
39-30-1140
5569-14A2
14
39-30-0140
5569-14A2-210
14
39-30-1160
5569-16A2
16
39-30-0160
5569-16A2-210
16
39-30-1180
5569-18A2
18
39-30-0180
5569-18A2-210
18
39-30-1200
5569-20A2
20
39-30-0200
5569-20A2-210
20
39-30-1220
5569-22A2
22
39-30-0220
5569-22A2-210
22
39-30-1240
5569-24A2
24
39-30-0240
5569-24A2-210
24
39-30-1021
5569-02A2G
2
39-30-1022
5569-02A2G-210
2
39-30-1041
5569-04A2G
4
39-30-1042
5569-04A2G-210
4
39-30-1061
5569-06A2G
6
39-30-1062
5569-06A2G-210
6
39-30-1081
5569-08A2G
8
39-30-1082
5569-08A2G-210
8
39-30-1101
5569-10A2G
10
39-30-1102
5569-10A2G-210
10
39-30-1121
5569-12A2G
12
39-30-1122
5569-12A2G-210
12
39-30-1141
5569-14A2G
14
39-30-1142
5569-14A2G-210
14
39-30-1161
5569-16A2G
16
39-30-1162
5569-16A2G-210
16
39-30-1181
5569-18A2G
18
39-30-1182
5569-18A2G-210
18
39-30-1201
5569-20A2G
20
39-30-1202
5569-20A2G-210
20
39-30-1221
5569-22A2G
22
39-30-1222
5569-22A2G-210
22
39-30-1241
5569-24A2G
24
39-30-1242
5569-24A2G-210
24
39-30-0021
5569-02A2G2
2
39-30-0022
5569-02A2G2-210
2
39-30-0041
5569-04A2G2
4
39-30-0042
5569-04A2G2-210
4
39-30-0061
5569-06A2G2
6
39-30-0062
5569-06A2G2-210
6
39-30-0081
5569-08A2G2
8
39-30-0082
5569-08A2G2-210
8
39-30-0101
5569-10A2G2
10
39-30-0102
5569-10A2G2-210
10
39-30-0121
5569-12A2G2
12
39-30-0122
5569-12A2G2-210
12
39-30-0141
5569-14A2G2
14
39-30-0142
5569-14A2G2-210
14
39-30-0161
5569-16A2G2
16
39-30-0162
5569-16A2G2-210
16
39-30-0181
5569-18A2G2
18
39-30-0182
5569-18A2G2-210
18
39-30-0201
5569-20A2G2
20
39-30-0202
5569-20A2G2-210
20
39-30-0221
5569-22A2G2
22
39-30-0222
5569-22A2G2-210
22
39-30-0241
5569-24A2G2
24
39-30-0242
5569-24A2G2-210
24
NOT TOOLED
5569-02A2G3
2
NOT TOOLED
5569-02A2G3-210
2
15-27-1514
5569-04A2G3
4
NOT TOOLED
5569-04A2G3-210
4
15-27-1511
5569-06A2G3
6
NOT TOOLED
5569-06A2G3-210
6
15-27-1512
5569-08A2G3
8
NOT TOOLED
5569-08A2G3-210
8
15-27-1503
5569-10A2G3
10
15-27-1504
5569-10A2G3-210
10
NOT TOOLED
5569-12A2G3
12
NOT TOOLED
5569-12A2G3-210
12
NOT TOOLED
5569-14A2G3
14
NOT TOOLED
5569-14A2G3-210
14
15-27-1513
5569-16A2G3
16
NOT TOOLED
5569-16A2G3-210
16
NOT TOOLED
5569-18A2G3
18
NOT TOOLED
5569-18A2G3-210
18
NOT TOOLED
5569-20A2G3
20
NOT TOOLED
5569-20A2G3-210
20
NOT TOOLED
5569-22A2G3
22
NOT TOOLED
5569-22A2G3-210
22
NOT TOOLED
5569-24A2G3
24
NOT TOOLED
5569-24A2G3-210
24
94V-2
TIN OVER
COPPER
SEE
NOTE 2
OPTION
"BLANK"
94V-0
30 µ"
GOLD
SEE
NOTE 2
OPTION
"G"
94V-2
30 µ"
GOLD
SEE
NOTE 2
OPTION
"G"
94V-0
BULK PACKAGED PER PK-5569-002
50 µ"
GOLD
SEE
NOTE 2
OPTION
"G3"
94V-2
50 µ"
GOLD
SEE
NOTE 2
OPTION
"G3"
94V-0
15 µ"
GOLD
SEE
NOTE 2
OPTION
"G2"
94V-2
15 µ"
GOLD
SEE
NOTE 2
OPTION
"G2"
94V-0
TIN OVER
COPPER
SEE
NOTE 2
OPTION
"BLANK"



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com