Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM2002DP Datasheet(PDF) 1 Page - Sames

Part # PM2002DP
Description  Energy Meter Evaluation Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM2002DP Datasheet(HTML) 1 Page - Sames

  PM2002DP Datasheet HTML 1Page - Sames PM2002DP Datasheet HTML 2Page - Sames PM2002DP Datasheet HTML 3Page - Sames PM2002DP Datasheet HTML 4Page - Sames PM2002DP Datasheet HTML 5Page - Sames PM2002DP Datasheet HTML 6Page - Sames PM2002DP Datasheet HTML 7Page - Sames PM2002DP Datasheet HTML 8Page - Sames PM2002DP Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
INTRODUCTION
THE SA2002D PIN PROGRAMMABLE MONOCHIP
METER
This application note describes the functionality of the
SA2002D metering integrated circuit using the PM2002DP
evaluation module.
The SA2002 enables the meter manufacturer to build a meter
that measures the energy consumption, and records it to a
mechanical counter. Energy flow direction as well as energy
metering activity is indicated by means of LEDs. This
application note will focus on the practical use of the SA2002D,
more detailed information specific to the SA2002D can be
found in the applicable datasheet.
sames
sames
Application Note:
Energy Meter Evaluation Module
PM2002DP
1/10
SPEC-0088 (REV. 1)
08-11-00
Setting
6A / 220V
10A / 220V
20A / 220V
30A / 220V
40A / 220V
60A / 220V
80A / 220V
Pin Status
R0 = 0, R1 = 0, R2 = 1
R0 = 0, R1 = 0, R2 = 0
R0 = 1, R1 = 0, R2 = 0
R0 = 1, R1 = 0, R2 = 1
R0 = 0, R1 = 1, R2 = 0
R0 = 0, R1 = 1, R2 = 1
R0 = 1, R1 = 1, R2 = 0
Calibrated
LED imp/kWh
6400
6400
3200
3200
1600
1600
800
CONNECTORS ON MODULE
The PM2002DP module connects directly to live and neutral
on SCK1. The module is referenced to live and should be kept
in mind when connecting test equipment to the module. The
current is measured by the shunt on the top of the PCB. The left
terminal of the shunt is connected to live. The live out will be
connected to the right terminal of the shunt.
Table 1: A summary of the pin settings possible with the
SA2002D. Pin status 0 indicates connection to VSS and 1
indicates connection to VDD.
Name
SCK1
JP2
JP3
Function Description
Mains connector for module power and voltage
sense
Optional current transformer connector.
(Underneath shunt resistor)
Optional Stepper motor connector. (Remove jumper
J6 to disconnect impulse counter)
Table 2: Connector descriptions
Live In
Neutral
Live Out
Figure 1: Connection and jumper settings for 80A / 220V bi-directional meter module


Similar Part No. - PM2002DP

ManufacturerPart #DatasheetDescription
logo
Sames
PM2002DP SAMES-PM2002DP_03 Datasheet
455Kb / 10P
EnergyMeter Evaluation Module
More results

Similar Description - PM2002DP

ManufacturerPart #DatasheetDescription
logo
Sames
PM9607AP SAMES-PM9607AP Datasheet
366Kb / 16P
Energy Meter Evaluation Module
PM4100APD SAMES-PM4100APD Datasheet
644Kb / 14P
Energy Meter Evaluation Module
logo
List of Unclassifed Man...
EM10DIN ETC2-EM10DIN Datasheet
134Kb / 4P
Energy Management Energy Meter
logo
Maxim Integrated Produc...
71M6541D_1111 MAXIM-71M6541D_1111 Datasheet
2Mb / 166P
Energy Meter ICs
Rev 2; 11/11
logo
Sames
PM2007HPE SAMES-PM2007HPE Datasheet
134Kb / 8P
Energy Meter Evaluation Module with Pulse
PM2007MPPE SAMES-PM2007MPPE Datasheet
374Kb / 16P
Energy Meter Evaluation Module
PM2102DPD SAMES-PM2102DPD Datasheet
166Kb / 16P
Energy Meter Evaluation Module
logo
SELEC Controls Pvt. Ltd
EM306A SELEC-EM306A Datasheet
406Kb / 1P
Energy Meter
EM368 SELEC-EM368 Datasheet
554Kb / 2P
Energy Meter
EM306 SELEC-EM306 Datasheet
67Kb / 1P
Energy Meter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com