Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM2002DP Datasheet(PDF) 4 Page - Sames

Part # PM2002DP
Description  Energy Meter Evaluation Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM2002DP Datasheet(HTML) 4 Page - Sames

  PM2002DP Datasheet HTML 1Page - Sames PM2002DP Datasheet HTML 2Page - Sames PM2002DP Datasheet HTML 3Page - Sames PM2002DP Datasheet HTML 4Page - Sames PM2002DP Datasheet HTML 5Page - Sames PM2002DP Datasheet HTML 6Page - Sames PM2002DP Datasheet HTML 7Page - Sames PM2002DP Datasheet HTML 8Page - Sames PM2002DP Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
sames
sames
PM2002DP
4/10
http://www.sames.co.za
CT TERMINATION RESISTOR
Provision is made for the use of a current transformer on the
module. The existing shunt needs to be removed and the
current sense resistors will have to be recalculated for the
specific current transformer. The voltage drop across the CT
termination resistor at rated current should be at least 20mV.
The CT's used should have a low phase shift and a ratio of
1:2500.The CT is terminated with a 2.7W resistor giving a
voltage drop of 864mV across the termination resistor at rated
conditions
CURRENT SENSOR INPUT RESISTORS FIGURE 5 (USING
A CURRENT TRANSFORMER)
The resistors R6, R7 define the current level into the current
sense inputs the device. The resistor values are selected for
an input current of 16µA on the current inputs at rated
conditions. For an 80A-rated meter the resistor values are
calculated as follows:
R6 = R7 = (I / 16µA) x R / 2
L
SH
= 80A / 16µA x 2.7W / 2
= 2.7kW
I Line current
L =
RSH = CT Termination resistor
2500 = CT ratio
Figure 5: Current input configuration
LIVE IN
LIVE OUT
R16
IIN
IIP
J5
L
CT1
R6
R7
Phase Compensation (When using a current transformer)
Phase shift caused by the current transformer may be
corrected by inserting a capacitor in the voltage divider circuit.
See Figure 6, Capacitor C7. To compensate for a phase shift of
0.18 degrees the capacitor value is calculated as follows:
C = 1 / (2 x
p x Mains frequency x R5 x tan (Phase shift angle))
C = 1 / (2 x
p x 50 x 1M x tan( 0.18 degrees))
C = 1.013µF
Reference Voltage VREF
The VREF pin of the SA2002D is connected to a resistor that
determines the on chip bias current.
Ground GND
The GND pin of the SA2002D is to the live phase, which is
halfway between VDD and VSS. Note that supply bypass
capacitors C1 and C2 are positioned as close as possible to the
supply pins of the device, and connected to a solid ground
plane.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com