Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2005F Datasheet(PDF) 1 Page - Sames

Part # SA2005F
Description  Three Phase Bidirectional Power/Energy Metering IC with Instantaneous Pulse Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2005F Datasheet(HTML) 1 Page - Sames

  SA2005F Datasheet HTML 1Page - Sames SA2005F Datasheet HTML 2Page - Sames SA2005F Datasheet HTML 3Page - Sames SA2005F Datasheet HTML 4Page - Sames SA2005F Datasheet HTML 5Page - Sames SA2005F Datasheet HTML 6Page - Sames SA2005F Datasheet HTML 7Page - Sames SA2005F Datasheet HTML 8Page - Sames SA2005F Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FEATURES
n Functionally compatible with the SA9105F with reduced
external components
n Performs bidirectional one, two or three phase power and
energy measurement
n Meets the IEC 521/1036 Specification requirements for
Class 1 AC Watt hour meters
sames
sames
Three Phase Bidirectional Power/Energy
Metering IC with Instantaneous Pulse Output
SA2005F
1/10
SPEC-0042 (REV. 1)
03-07-00
n Operates over a wide temperature range
n Uses current transformers for current sensing
n Easily adaptable to different signal levels
n Precision voltage reference on chip
n Precision oscillator on chip.
n Protected against ESD
DESCRIPTION
The SAMES SA2005F is an enhancement of the SA9105F. A
precision oscillator and the loop capacitors are integrated on
chip.
The SAMES SA2005F three phase bidirectional power/energy
metering integrated circuit generates pulse rate outputs for
positive and negative energy directions. The frequency of the
pulses is proportional to the measured power consumption.
The SA2005F performs active power calculation.
The method of calculation takes the power factor into account.
Energy consumption is determined by integrating the power
measurement over time.
This innovate universal three phase power/energy metering
integrated circuit is ideally suited for applications such as
residential and industrial energy metering and control.
The SA2005F integrated circuit is available in 20 pin dual-in-
line plastic (DIP-20), and 20 pin small outline (SOIC-20)
package types.
Figure 1: Block Diagram
POWER
TO
PULSE
RATE
REF
OSC
TIMING & CONTROL
INTEGRATE
AND
AVERAGE
DIR
TCLK
TEST
FOUT
PGM0 PGM1
VDD VSS
IVN1
X
I1
V1
IIN1
IIP1
VREF
GND
Dr-01570
IVN2
X
I2
V2
IIN2
IIP2
IVN3
X
I3
V3
IIN3
IIP3


Similar Part No. - SA2005F

ManufacturerPart #DatasheetDescription
logo
Sames
SA2005 SAMES-SA2005 Datasheet
195Kb / 16P
Programmable Three Phase Power / Energy Metering IC for Stepper Motor / Impulse Counter Applications
SA2005M SAMES-SA2005M Datasheet
361Kb / 12P
Pin Selectable Three Phase Power / Energy Metering IC for Stepper Motor / Impulse Counter Applications with Anti Tamper Features
SA2005M SAMES-SA2005M Datasheet
252Kb / 12P
Evaluation Board for the SA2005M and SA2005P
SA2005MPA SAMES-SA2005MPA Datasheet
361Kb / 12P
Pin Selectable Three Phase Power / Energy Metering IC for Stepper Motor / Impulse Counter Applications with Anti Tamper Features
SA2005MSA SAMES-SA2005MSA Datasheet
361Kb / 12P
Pin Selectable Three Phase Power / Energy Metering IC for Stepper Motor / Impulse Counter Applications with Anti Tamper Features
More results

Similar Description - SA2005F

ManufacturerPart #DatasheetDescription
logo
Sames
SA9102F SAMES-SA9102F Datasheet
156Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9105E SAMES-SA9105E Datasheet
123Kb / 12P
THREE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9105F SAMES-SA9105F Datasheet
114Kb / 12P
THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9108F SAMES-SA9108F Datasheet
105Kb / 12P
TWO PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602F SAMES-SA9602F Datasheet
72Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9602H SAMES-SA9602H Datasheet
167Kb / 14P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
SA9605A SAMES-SA9605A Datasheet
107Kb / 14P
THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
logo
Analog Devices
ADE7752 AD-ADE7752 Datasheet
474Kb / 10P
Three Phase Energy Metering IC with Pulse Output
logo
Integral Corp.
IL19006 INTEGRAL-IL19006 Datasheet
282Kb / 12P
THREE PHASE POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
ILA19002 INTEGRAL-ILA19002 Datasheet
290Kb / 12P
SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com