Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2005 Datasheet(PDF) 8 Page - Sames

Part # SA2005
Description  Programmable Three Phase Power / Energy Metering IC for Stepper Motor / Impulse Counter Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2005 Datasheet(HTML) 8 Page - Sames

Back Button SA2005 Datasheet HTML 4Page - Sames SA2005 Datasheet HTML 5Page - Sames SA2005 Datasheet HTML 6Page - Sames SA2005 Datasheet HTML 7Page - Sames SA2005 Datasheet HTML 8Page - Sames SA2005 Datasheet HTML 9Page - Sames SA2005 Datasheet HTML 10Page - Sames SA2005 Datasheet HTML 11Page - Sames SA2005 Datasheet HTML 12Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
sames
sames
SA2005P
8/16
http://www.sames.co.za
Figure 7: Signal flow block diagram
DEVICE CONFIGURATION
SIGNAL FLOW DESCRIPTION
The following is an overview of the SA2005P’s registers. For a
detailed description of each parameter please refer to
parameter description section. Figure 7 shows the various
registers in the SA2005P’s power to pulse rate block. The
inputs to this block are three single bit pulse density modulated
signals, each having a pulse rate of 641454 pulses per second
at rated conditions. The parameters Cb1, Cb2, Cb3, Sum, Ct,
Kr, CresH, CresL, Cled and Pw contain values that are read
from the external EEPROM during power up.
The Pre-Divider registers are used for calibration and to
balance the gain of each channel. The Programmable Adder is
used to select between the total sum or absolute sum of the
measured energy. The Creep current threshold detector
selects the creep current which is relative to the meters rated
current. The Rated Condition register is used to program the
rated condition of the meter and feeds the registers LED-
constant and Counter Resolution with the applicable pulse
rate. These two registers are programmed to select the LED
output rate and the counter resolution (pulses per kWh)
respectively. The Counter Pulse Width register is used to
program the pulse width for the mechanical counter driver
output MOP and MON.
EEPROM Memory Allocation
The following table shows the EEPROM memory allocation as
well as the corresponding name. The uneven byte always
Pre-Divider
÷Cb1
Pre-Divider
÷Cb2
Pre-Divider
÷Cb3
Programmable Adder SUM
Creep current threshold detector
Ct
Rated Condition
÷Kr
Counter
Resolution
CresH, CresL
LED-Constant
Cled
Counter Pulse
width
Pw
MOP
MON
LED
Normally 6400p/kWh
Normally 1253p/s
Power from
converters
641454 pulses/s
S - D
Power from
converters
641454 pulses/s
S - D
Power from
converters
641454 pulses/s
S - D
Description
2
E Address
Contents
Bit [7:0]
Name
Channel Balance 3
Channel Balance 1
Channel Balance 2
Summing mode
Rated Condition
Led Pulse-rate
Counter Resolution (LSB)
Counter Resolution (MSB)
Counter Pulse-Width
10
11
12
13
14
15
16
16
17
20
21
22
23
24
25
26
26
27
Cb3
XOR of ADDR 10
Cb1
XOR of ADDR 12
Cb2
XOR of ADDR 14
SUM
Ct
XOR of ADDR 16
Kr
XOR of ADDR 20
Cled
XOR of ADDR 22
CresL
XOR of ADDR 24
ClresH
Pw
XOR of ADDR 26
---v vvvv
xxxx xxxx
---v vvvv
xxxx xxxx
---v vvvv
xxxx xxxx
---- --vv
v--- ----
xxxx xxxx
vvvv vvvv
xxxx xxxx
---- --vv
xxxx xxxx
vvvv vvvv
xxxx xxxx
---v vvvv
vv-- ----
xxxx xxxx
D10
D12
D13
D16
D16
D20
D22
D24
D26
D26
KEY: (- = DON’T CARE); (V = VALUE/PARAMETER); (0,1 = LOGICAL VALUE); (X = BIT-XOR)
Creep current threshold
contains a XORed byte of the previous even byte. This is the
checksum byte used by the SA2005P to ensure data integrity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com