Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2005 Datasheet(PDF) 5 Page - Sames

Part # SA2005
Description  Programmable Three Phase Power / Energy Metering IC for Stepper Motor / Impulse Counter Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2005 Datasheet(HTML) 5 Page - Sames

  SA2005 Datasheet HTML 1Page - Sames SA2005 Datasheet HTML 2Page - Sames SA2005 Datasheet HTML 3Page - Sames SA2005 Datasheet HTML 4Page - Sames SA2005 Datasheet HTML 5Page - Sames SA2005 Datasheet HTML 6Page - Sames SA2005 Datasheet HTML 7Page - Sames SA2005 Datasheet HTML 8Page - Sames SA2005 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Reload (RLOAD)
A falling edge on the RLOAD pin will trigger a register update
from the external EEPROM. This feature may be used during
calibration to load updated register data in the SA2005P. For
normal operation of the SA2005P the RLOAD pin may be left
floating.
Test Inputs (TEST)
The TEST input is the manufacturers test pin and must be
connected to VSS in a metering application.
OUTPUT SIGNALS
LED Output (LED)
Four options for the LED output pulse rate are available, 6400,
3200, 1600 pulses per kWh, and a pulse rate of 1252 pulses
per second at rated conditions. At 1252 pulses per second t LED
is 71µs, for the other options tLED is 10ms. The LED output is
active low as shown in figure 4.
sames
sames
SA2005P
http://www.sames.co.za
Figure 5: Motor drive on MON and MOP pins of device
VDD
VDD
VSS
VSS
MON
MOP
t
m
t
m
t
m
DR-01559
Figure 4: LED pulse output
LED
t
LED
DR-01332
VDD
VSS
rated current the resistor values should be selected for input
currents of 16µA
. Referring to figure 8, the resistors R1 and
RMS
R2 on current channel 1, resistors R3 and R4 on current
channel 2 and resistors R5 and R6 on current channel 3, define
the current level into the current sense inputs of the SA2005P.
The current sense inputs saturates at an input current of
±25µA peak. Resistors R29, R30 and R31 are used as current
transformer termination resistors. The voltage drop across the
termination resistors should be at least 20mV at rated
conditions. Values for the current sense inputs are calculated
as follows:
R1 = R2 = ( IL / 16µARMS ) x R29 / 2
R3 = R4 = ( IL / 16µARMS ) x R30 / 2
R5 = R6 = ( IL / 16µARMS ) x R31 / 2
Where:
I = Line current/CT-ratio
L
In case a current transformer is used for current sensing the
value of the termination resistors should be less than the
resistance of the CT's secondary winding.
Voltage Sense Inputs (IVN1, IVN2, IVN3)
The mains voltage are measured by means of a resistor divider
and the divided voltage are converted to a current. The current
into the voltage sense inputs (virtual ground) should be set to
14µARMS at rated voltage conditions. The individual mains
voltages are divided down to 14V
per phase. The resistors
RMS
R12, R13 and R14 (figure 8) set the current for the voltage
sense inputs. The voltage sense inputs saturate at an input
current of ±25uA peak.
Voltage Reference Connection (VREF)
A bias resistor of 24k provides an optimum bias conditions on
chip. Calibration of the SA2005P is done by means of divider
ratios stored on an external EEPROM. This is described in the
Device Configuration section.
Serial Data (SDA)
The SDA pin connects directly to the SDA pin of an external
EEPROM. The pin is used to transfer data between the
EEPROM and the SA2005P. An external pull-up resistor in not
needed.
Serial Clock (SCL)
The SCL pin connects directly to the SCL of an external
EEPROM. The SCL output is used to strobe data at a rate of
50kHz out of the EEPROM. An external pull up resistor is not
needed. The SCL output uses a soft driver and may be
overdriven by the calibration equipment.
5/16
Motor Output (MOP, MON)
The motor pulse width is programmable for 71ms, 142ms and
284ms. The MON pulse will follow the MOP pulse within the
selected pulse width time. This prevents the motor armature
being in the wrong position after a power failure. Both MOP
and MON outputs are active high. A MOP pulse followed by a
MON pulse represents one energy pulse. The motor drive
waveforms are shown in figure 5.
Multiplex Output (PH/ DIR)
The PH/DIR output enables either direction or voltage
information on the phase LED driver outputs (PH1, PH2 and
PH3). This multiplex output switches between logic 1 and 0 at
a frequency of approximately 280Hz. A logic 1 enables energy
direction information on the LED driver outputs and a logic 0
enables voltage information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com