Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2532AP Datasheet(PDF) 2 Page - Sames

Part # SA2532AP
Description  VERSATILE SINGLE CHIP TELEPHONE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2532AP Datasheet(HTML) 2 Page - Sames

  SA2532AP Datasheet HTML 1Page - Sames SA2532AP Datasheet HTML 2Page - Sames SA2532AP Datasheet HTML 3Page - Sames SA2532AP Datasheet HTML 4Page - Sames SA2532AP Datasheet HTML 5Page - Sames SA2532AP Datasheet HTML 6Page - Sames SA2532AP Datasheet HTML 7Page - Sames SA2532AP Datasheet HTML 8Page - Sames SA2532AP Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2/22
SA2532
sames
PIN DESCRIPTION
Pin#
Symbol
Function
23
M1
Microphone Inputs
24
M2
Differential inputs for the microphone (electret).
3
RO1
Receiver Outputs
2
RO2
These are the outputs for driving a dynamic earpiece with an impedance
of 100 to 300
Ω
5A
GND
Analog Ground
This is the analog ground for the amplifiers.
28
RI
Receive Input
This is the input for the receive signal.
6STB
Side Tone Balance Input
This is the input for side tone cancellation.
1LS
Line Current Sense Input
This is the input for sensing the line current.
27
LI
Line Input
This input is used for power extraction and line current sensing.
25
CS
Current Shunt Control Output
This N-channel open drain output controls the external high power shunt
transistor for the modulation of the line voltage and for shorting the line
during make period of pulse dialling.
4V
DD
Positive Voltage Supply
This is the supply pin for the circuit.
26
V
SS
Negative Power Supply
8MO
Melody Output
Pulse Density Modulated output of the melody generator for tone ringer. At
high impedance when not active.
21
FCI
Frequency Comparator Input
This is a Schmitt trigger input for ring frequency discrimination. Disabled
during off-hook.
10
HS/DP
Hook Switch Input and Dial Pulse Output
This is an I/O that is pulled high by the hook switch when off- hook. An open
drain pulls it low during break periods of pulse dialling and flash.
11
OSC
Oscillator Input
Oscillator pin for Xtal or ceramic resonator (3.58 MHz).
9
LLC
Line Loss Compensation
Select pin for line loss compensation.
12
RR
Repetition Rate
Select pin for repetition rate of melody.
22
MODE
Signalling Mode Select Input
Mode pin
Function
High
LD default mode, make/break = 33/66 ms
Open
MF only
Low
LD default mode, make/break = 40/60 ms
20
R1
Keyboard Rows
19
R2
18
R3
17
R4
16
C1
Keyboard Columns
15
C2
14
C3
13
C4
7CI
Complex Impedance Input
Input pin for the capacitor in the complex impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com