Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2532AP Datasheet(PDF) 6 Page - Sames

Part # SA2532AP
Description  VERSATILE SINGLE CHIP TELEPHONE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2532AP Datasheet(HTML) 6 Page - Sames

Back Button SA2532AP Datasheet HTML 2Page - Sames SA2532AP Datasheet HTML 3Page - Sames SA2532AP Datasheet HTML 4Page - Sames SA2532AP Datasheet HTML 5Page - Sames SA2532AP Datasheet HTML 6Page - Sames SA2532AP Datasheet HTML 7Page - Sames SA2532AP Datasheet HTML 8Page - Sames SA2532AP Datasheet HTML 9Page - Sames SA2532AP Datasheet HTML 10Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6/22
SA2532
sames
Sliding Cursor Procedure
To accommodate easy and uncomplicated redialling (LNR) behind a PABX, a sliding
cursor protocol is implemented.
If new entries match the previous RAM contents,
pressing the LNR key will dial out the remaining digits.
If there is an error in matching, the LNR will be inhibited until next on-hook, and the RAM
will contain the new number.
Tone Generator
The tone generator incorporates the DTMF tones and 3 basic frequencies for the tone
ringer.
DTMF Tones
The DTMF Tone Generator creates 12 Tones in compliance with CCITT Recommenda-
tion Q23. Signal levels are altered by Mask Option. High group frequencies have a level
2.6dB higher than those of the Low Group.
Details of the DTMF Tones are:
Low group
Digit 1-2-3
697Hz
(Error = -.074%)
Digit 4-5-6
770Hz
(Error = -.679%
Digit 7-8-9
852Hz
(Error = -.621%)
Digit *-0-#
941Hz
(Error = +.139%)
High group
Digit 1-4-7-*
1209Hz
(Error = +.533%)
Digit 2-5-8-0
1336 Hz
(Error = +.176%)
Digit 3-6-9-#
1477Hz
(Error = -.141%)
Errors are calculated with reference to a base clock of 3.58MHz and at ambient
temperature of 24°C. They exclude tolerance errors in the base frequency.
KEYBOARD ARRANGEMENT
Figure 2
DR-00709
R3
R4
LNR/CONT.
#
8
9
PAUSE
R2
R1
C1
4
MUTE
C2
5
1
R
0
R2
*
C3
6
2
C4
7
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com