Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9103CSA Datasheet(PDF) 15 Page - Sames

Part # SA9103CSA
Description  SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9103CSA Datasheet(HTML) 15 Page - Sames

Back Button SA9103CSA Datasheet HTML 8Page - Sames SA9103CSA Datasheet HTML 9Page - Sames SA9103CSA Datasheet HTML 10Page - Sames SA9103CSA Datasheet HTML 11Page - Sames SA9103CSA Datasheet HTML 12Page - Sames SA9103CSA Datasheet HTML 13Page - Sames SA9103CSA Datasheet HTML 14Page - Sames SA9103CSA Datasheet HTML 15Page - Sames SA9103CSA Datasheet HTML 16Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
SA9103C
sames
15/16
Parts List for Application Circuit: Figure 2
Item
Symbol
Description
Detail
1
IC-1
SA9103C
DIP-20/SOIC-20
2
XTAL
Crystal, 3.5795MHz
Colour burst TV
3
RSH
Resistor
Note 1
4
R1
Resistor, 1%, metal
Note 2
5
R2
Resistor, 1%, metal
Note 2
6
R3
Resistor, 390k, (230VAC) 1%, metal
7
R4
Resistor, 1M, 1/4W, metal
8
R6
Resistor, 24k, 1/4W, metal
9
R7
Resistor, 24k, 1/4W, metal
10
R8
Resistor, 2.2k, 1/4W, 5%
11
R9
Resistor, 2.2k, 1/4W, 5%
12
C1
Capacitor, 560pF
13
C2
Capacitor, 560pF
14
C3
Capacitor, 3.3nF
15
C4
Capacitor, 3.3nF,
16
C9
Capacitor, 820nF
Note 3
17
C10
Capacitor, 100nF
18
C11
Capacitor
Note 4
19
CT
Current Transformer
Note 1:
See TYPICAL APPLICATIONS when selecting the value of RSH.
Note 2:
Resistor (R1and R2) values are dependant upon the selected value of
RSH.
Note 3:
Capacitor (C9) to be positioned as close to IC-1, as possible.
Note 4:
Capacitor (C11) selected for DC blocking and to minimize phase error
introduced by the current transformer.
Part Number
Package
SA9103CPA
DIP-20
SA9103CSA
SOIC-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com