Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9103CSA Datasheet(PDF) 4 Page - Sames

Part # SA9103CSA
Description  SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9103CSA Datasheet(HTML) 4 Page - Sames

  SA9103CSA Datasheet HTML 1Page - Sames SA9103CSA Datasheet HTML 2Page - Sames SA9103CSA Datasheet HTML 3Page - Sames SA9103CSA Datasheet HTML 4Page - Sames SA9103CSA Datasheet HTML 5Page - Sames SA9103CSA Datasheet HTML 6Page - Sames SA9103CSA Datasheet HTML 7Page - Sames SA9103CSA Datasheet HTML 8Page - Sames SA9103CSA Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SA9103C
sames
4/16
PIN DESCRIPTION
Pin
Designation
Description
20
GND
Ground
8
V
DD
Positive Supply Voltage
14
V
SS
Negative Supply Voltage
19
IVP
Analog input for Voltage
1
IIN
Inputs for current sensor
2
IIP
11
OSC1
Connections for crystal or ceramic resonator
10
OSC2
(OSC1 = Input ; OSC2 = Output)
12
SOUT
Serial Interface Out
13
SIN
Serial Interface In
4
CPON
Connections for outer loop capacitors of
5
CPOP
A/D converter (Voltage)
6
CPIN
Connections for inner loop capacitors of
7
CPIP
A/D converter (Voltage)
15
CIP
Connections for inner loop capacitors of
16
CIN
A/D converter (Current)
17
COP
Connections for outer loop capacitors of
18
CON
A/D converter (Current)
3
VREF
Connection for current setting resistor
9
TP9
Test Pin. Must be connected to V
SS
FUNCTIONAL DESCRIPTION
The SA9103C is a CMOS mixed signal Analog/Digital integrated circuit, which performs
power/energy calculations across a power range of 1000:1, to an overall accurancy of
better than Class 1.
The integrated circuit includes all the required functions for 1-phase power and energy
measurement, such as two oversampling A/D converters for the voltage and current
sense inputs, power calculation and energy integration. Internal offsets are eliminated
through the use of cancellation procedures. The SA9103C integrates the measured
active and reactive power consumption into 22 bit integrators, which are accessable via
a serial port having a RS232 protocol. Two additional on-chip registers exist: one register
contains the mains frequency information; and the other the voltage information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com