Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9105F Datasheet(PDF) 11 Page - Sames

Part # SA9105F
Description  THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9105F Datasheet(HTML) 11 Page - Sames

Back Button SA9105F Datasheet HTML 4Page - Sames SA9105F Datasheet HTML 5Page - Sames SA9105F Datasheet HTML 6Page - Sames SA9105F Datasheet HTML 7Page - Sames SA9105F Datasheet HTML 8Page - Sames SA9105F Datasheet HTML 9Page - Sames SA9105F Datasheet HTML 10Page - Sames SA9105F Datasheet HTML 11Page - Sames SA9105F Datasheet HTML 12Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SA9105F
sames
11/12
Parts List for Application Circuit: Figure 1 (Continued)
Item
Symbol
Description
Detail
41
C12
Capacitor, 820nF
Note 3
42
C13
Capacitor, 100nF
43
C14
Capacitor, 100nF
Note 1: Resistor (R
8, R9, R10, R11, R12 and R13) values are dependant upon the selected
values of the current transformer termination resistors R
18, R19 and R20.
Note 2: Capacitor values may be selected for DC blocking and to compensate for phase
errors caused by the current transformers.
Note 3: Capacitor (C12) to be positioned as close to Supply Pins (V
DD & VSS) of IC-1, as
possible.
ORDERING INFORMATION
Part Number
Package
SA9105FPA
DIP-40
SA9105FFA
PLCC-44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com