Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9105F Datasheet(PDF) 3 Page - Sames

Part # SA9105F
Description  THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9105F Datasheet(HTML) 3 Page - Sames

  SA9105F Datasheet HTML 1Page - Sames SA9105F Datasheet HTML 2Page - Sames SA9105F Datasheet HTML 3Page - Sames SA9105F Datasheet HTML 4Page - Sames SA9105F Datasheet HTML 5Page - Sames SA9105F Datasheet HTML 6Page - Sames SA9105F Datasheet HTML 7Page - Sames SA9105F Datasheet HTML 8Page - Sames SA9105F Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SA9105F
sames
3/12
ELECTRICAL CHARACTERISTICS
(Over the temperature range -10°C to +70°C#, unless otherwise specified.)
Parameter
Symbol
Min Typ
Max Unit Condition
Operating Temp. Range #
T
O
-25
+85
°C
Supply Voltage
V
DD-VSS
4.5
5.5
V
Supply Current
I
DD
10
mA
Nonlinearity of
Power Calculation
-0.3
+0.3
%
1% - 100% of
rated power
Current Sensor Inputs (Differential)
Input Current Range
I
II
-25
+25
µA Peak value
Voltage Sensor Inputs (Asymmetric)
Input Current Range
I
IV
-25
+25
µA Peak value
Pins FOUT1,FOUT2,DIR
Output Low Voltage
V
OL
V
SS+1
V
I
OL = 5mA
Output High Voltage
V
OH
V
DD-1
V
I
OH = -2mA
Pulse Rate: FOUT1, FOUT2
f
p
0
64
Hz
Specified linearity
0
180
Hz
Min and max limits
Oscillator
Recommended crystal:
TV colour burst crystal, f = 3.5795 MHz
Pin VREF
With R = 24 k
Ω
Ref. Current
-I
R
45
50
55
µA
connected to V
SS
Ref. Voltage
V
R
1.1
1.3
V
Referred to V
SS
ABSOLUTE MAXIMUM RATINGS *
Parameter
Symbol
Min
Max
Unit
Supply Voltage
V
DD-VSS
-0.3
6.0
V
Current on any Pin
I
PIN
-150
+150
mA
Storage Temperature
T
STG
-40
+125
°C
Operating Temperature
T
O
-40
+85
°C
Current at any pin
I
P
-100
+100
mA
* Stresses above those listed under "Absolute Maximum Ratings" may cause permanent
damage to the device. This is a stress rating only. Functional operation of the device
at these or any other conditions above those indicated in the operation sections of this
specification, is not implied. Exposure to Absolute Maximum Ratings for extended
periods may affect device reliability.
# Extended Operating Temperature Range available on request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com