Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9105FPA Datasheet(PDF) 9 Page - Sames

Part # SA9105FPA
Description  THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9105FPA Datasheet(HTML) 9 Page - Sames

Back Button SA9105FPA Datasheet HTML 4Page - Sames SA9105FPA Datasheet HTML 5Page - Sames SA9105FPA Datasheet HTML 6Page - Sames SA9105FPA Datasheet HTML 7Page - Sames SA9105FPA Datasheet HTML 8Page - Sames SA9105FPA Datasheet HTML 9Page - Sames SA9105FPA Datasheet HTML 10Page - Sames SA9105FPA Datasheet HTML 11Page - Sames SA9105FPA Datasheet HTML 12Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SA9105F
sames
9/12
Figure 1: Application Circuit for Three Phase Power/Energy Measurement.
25
21
22
23
24
31
28
26
29
27
30
37
36
35
33
34
32
39
38
40
VI 2 N
9
S A 91 05 F
DIP - 4 0
IC - 1
D R- 0 0951
C7
C8
VI 3 P
VI 3 N
0V
R2 0
C1 2
15
16
XT AL
19
18
20
17
R1 2
10
R1 3
14
13
12
11
C6
C5
FROM CTs
VI 2 P
VI 1 N
VI 1 P
N
LIN E 3
R1 9
R1 8
0V
M AI NS VOL TAGES
LIN E 2
LIN E 1
R3
R3 A
3
4
R9
R1 0
R1 1
R8
5
6
8
7
1
2
C4
R2
R1
R2 A
R1 A
R5
P5
0V
0V
R1 4
P1 4
C1 3
0V
C1 1
FOU T 1
DIR
FOU T 2
R6
P6
0V
C1 4
0V
R4
R2 1
C3
C1
C2
+
+
+
C1 0
R1 7
R1 6
R1 5
C9
R7
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com