Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9105FPA Datasheet(PDF) 7 Page - Sames

Part # SA9105FPA
Description  THREE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9105FPA Datasheet(HTML) 7 Page - Sames

Back Button SA9105FPA Datasheet HTML 3Page - Sames SA9105FPA Datasheet HTML 4Page - Sames SA9105FPA Datasheet HTML 5Page - Sames SA9105FPA Datasheet HTML 6Page - Sames SA9105FPA Datasheet HTML 7Page - Sames SA9105FPA Datasheet HTML 8Page - Sames SA9105FPA Datasheet HTML 9Page - Sames SA9105FPA Datasheet HTML 10Page - Sames SA9105FPA Datasheet HTML 11Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SA9105F
sames
7/12
5.
Pulse Output Signals
The calculated power is divided down to a pulse rate of 64Hz, for rated conditions
on both FOUT1 and FOUT2.
The format of the pulse output signal, which provides power/energy and direction
information, is the only difference between the signals on FOUT1 and FOUT2.
The direction of the energy flow is defined by the mark/space ratio on FOUT1, while
the pulse width defines the direction on FOUT2.
An integrated anticreep function ensures no metering at zero line currents.
DR-00950
Wave form on DIR
mm
Positive Energy Flow
Wave form on FOUT1
Wave form on FOUT2
pp = 1.1ms
pp
t
t
mm
pp
t
mm
t
mm
pn = 3.4ms
Negative Energy Flow
pn
t
t
pn
The formula for calculating the Output Frequency (f) is given below:
f = 11.16 * FOUTX *
FOSC
*
(I
I1 IV1) + (II2 IV2) + (II3 IV3)
3.58MHz
3 * I
R
2
Where FOUTX
= Nominal rated frequency (64Hz)
FOSC
= Oscillator frequency (2MHz ...... 4MHz)
I
I1, II2, II3
= Input currents for current sensor inputs (16µA at rated line current)
I
V1, IV2, IV3
= Input currents for voltage sensor inputs (14µA at rated line voltage)
I
R
= Reference current (typically 50µA)
TYPICAL APPLICATION
In the Application Circuit (Figure 1), the components required for a three phase power
metering application are shown. Terminated current transformers are used for current
sensing.
The most important external components for the SA9105F integrated circuit are:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com