Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9122EPA Datasheet(PDF) 8 Page - Sames

Part # SA9122EPA
Description  SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH SEPERATE 64 SEGMENT LCD DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9122EPA Datasheet(HTML) 8 Page - Sames

Back Button SA9122EPA Datasheet HTML 4Page - Sames SA9122EPA Datasheet HTML 5Page - Sames SA9122EPA Datasheet HTML 6Page - Sames SA9122EPA Datasheet HTML 7Page - Sames SA9122EPA Datasheet HTML 8Page - Sames SA9122EPA Datasheet HTML 9Page - Sames SA9122EPA Datasheet HTML 10Page - Sames SA9122EPA Datasheet HTML 11Page - Sames SA9122EPA Datasheet HTML 12Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SA9122E
8/12
sames
4.
Electrostatic Discharge (ESD) Protection
The SA9122E integrated circuit's inputs/outputs are protected against ESD according
to Mil-Std 883C, method 3015.
5.
Power Consumption
The power consumption rating of the SA9122E integrated circuit is less than 25mW.
TYPICAL APPLICATIONS
In the Application Circuit (Figure 1), the components required for this power metering
application, are shown.
In Figure 1 a shunt resistor is used for current sensing. In this application, the circuitry
requires a +2.5V, 0V, -2.5V DC supply.
The most important external components for the SA9122E integrated circuit are:
C
1 and C2 are the outer loop capacitors for the two integrated oversampling A/D
converters. The value of these capacitors is 560pF.
The actual values determine the signal to noise and stability performance. The tolerances
should be within ±10%.
C
3 and C4 are the inner loop capacitors of the A/D converters.
The optimum value is
3.3nF. The actual values are uncritical. Values smaller than 0.5nF and larger than 5nF
should be avoided.
R
2, R1 and RSH are the resistors defining the current level into the current sense input.
The values should be selected for an input current of 16µA
RMS into the SA9122E at
maximum line current.
Values for RSH of less than 200µ
Ω should be avoided.
R
1 = R2 = (IL/16µARMS) * RSH/2
Where
I
L
=
Line current
RSH
=
Shunt resistor/termination resistor
R
3, R6 and R4 set the current for the voltage sense input. The values should be selected
so that the input current into the voltage sense input (virtual ground) is set to 14µA
RMS.
R
7 defines the reference current (IR).
With R
7 = 24kΩ, optimum
conditions are set. R
7
may be varied within ±10% for calibration purposes. Any change to R
7 will affect the
output quadratically (i.e.: R
7 = +5%, fP = +10%).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com