Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9122EPA Datasheet(PDF) 11 Page - Sames

Part # SA9122EPA
Description  SINGLE PHASE UNIDIRECTIONAL POWER/ENERGY METERING IC WITH SEPERATE 64 SEGMENT LCD DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9122EPA Datasheet(HTML) 11 Page - Sames

Back Button SA9122EPA Datasheet HTML 4Page - Sames SA9122EPA Datasheet HTML 5Page - Sames SA9122EPA Datasheet HTML 6Page - Sames SA9122EPA Datasheet HTML 7Page - Sames SA9122EPA Datasheet HTML 8Page - Sames SA9122EPA Datasheet HTML 9Page - Sames SA9122EPA Datasheet HTML 10Page - Sames SA9122EPA Datasheet HTML 11Page - Sames SA9122EPA Datasheet HTML 12Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SA9122E
sames
11/12
Parts List for Application Circuit: Figure 1
Item
Symbol
Description
Detail
1
IC-1
SA9122E
DIP-40/PLCC-44
2
XTAL
Crystal, 3.5795MHz
Colour burst TV
3
R1
Resistor, 1% metal
Note 1
4
R2
Resistor, 1% metal
Note 1
5
R3
Resistor, 390k, (230VAC) 1%, metal
6
R4
Resistor, 1M, 1/4W, 1%, metal
7
R6
Resistor, 24k, 1/4W, 1%, metal
8
R7
Resistor, 24k, 1/4W, 1%, metal
9
R8
Resistor, 820
Ω, 1/4W, 1%
10
R9
Resistor, 820
Ω, 1/4W, 1%
11
C1
Capacitor, 560pF
12
C2
Capacitor, 560pF
13
C3
Capacitor, 3.3nF
14
C4
Capacitor, 3.3nF
15
C5
Capacitor, 100nF
16
C6
Capacitor, 100nF
17
C7
Capacitor, 820nF
Note 2
18
LCD
LCD 64 Segment, 4 back plane
19
RSH
Shunt Resistor
Note 3
Note 1: Resistor (R1 and R2) values are dependant upon the selected value of RSH.
Note 2: Capacitor (C7) to be positioned as close to Supply Pins (V
DD & VSS) of IC-1 as
possible.
Note 3: See TYPICAL APPLICATIONS when selecting the value of RSH.
ORDERING INFORMATION
Part Number
Package
SA9122EPA
DIP-40
SA9122EFA
PLCC-44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com