Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9203 Datasheet(PDF) 13 Page - Sames

Part # SA9203
Description  6/3 X 8 PORT EXPANDER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9203 Datasheet(HTML) 13 Page - Sames

Back Button SA9203 Datasheet HTML 6Page - Sames SA9203 Datasheet HTML 7Page - Sames SA9203 Datasheet HTML 8Page - Sames SA9203 Datasheet HTML 9Page - Sames SA9203 Datasheet HTML 10Page - Sames SA9203 Datasheet HTML 11Page - Sames SA9203 Datasheet HTML 12Page - Sames SA9203 Datasheet HTML 13Page - Sames SA9203 Datasheet HTML 14Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
SA9203/5
sames
13/14
Table 2: A.C. Characteristics for I/O Ports
Symbol
Parameter
Min
Max
Units
t
PR
Port Input Setup Time
20
ns
t
RP
Port Input Hold Time
0
ns
t
SS
Strobe Width
100
ns
t
SI
Strobe to INT Set
100
ns
t
RD
READ to INT Reset
100
ns
t
PSS
Port Setup Time to Strobe
50
ns
t
PHS
Port Hold Time After Strobe
120
ns
t
WP
WRITE to Port Output
80
ns
Note 1: Timing parameters are preliminary and subject to change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com