Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9203 Datasheet(PDF) 3 Page - Sames

Part # SA9203
Description  6/3 X 8 PORT EXPANDER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9203 Datasheet(HTML) 3 Page - Sames

  SA9203 Datasheet HTML 1Page - Sames SA9203 Datasheet HTML 2Page - Sames SA9203 Datasheet HTML 3Page - Sames SA9203 Datasheet HTML 4Page - Sames SA9203 Datasheet HTML 5Page - Sames SA9203 Datasheet HTML 6Page - Sames SA9203 Datasheet HTML 7Page - Sames SA9203 Datasheet HTML 8Page - Sames SA9203 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SA9203/5
sames
3/14
ABSOLUTE MAXIMUM RATINGS*
(All voltages are with respect to VSS)
Parameter
Symbol
Min
Max
Unit
Supply Voltage
V
DD-VSS
V
SS
7,0
V
Voltage on any pin
V
M
V
SS-0.3
V
DD+0.3
V
Current at any pin
I
M
100
mA
Storage Temperature
T
STG
-40
+125
°C
Operating Temperature
T
O
0
+70
°C
* Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only. Functional operation of the device
at these or any other condition above those indicated in the operational sections of this
specification, is not implied. Exposure to Absolute Maximum Ratings for extended
periods may affect device reliability.
FIGURE 4: BLOCK DIAGRAM FOR SA9205
Inter-
face
DR-01269
AD(7:0)
CON
PRTA
CON.
PRTBC
µµ
INT
RST
WR
ALE
CS
RD
STB
P
PORT
A
PORT
C
PORT
B
PC(7:0)
PA(7:0)
PB(7:0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com