Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9602MSA Datasheet(PDF) 5 Page - Sames

Part # SA9602MSA
Description  SINGLE PHASE POWER/ENERGY METERING IC WITH SELECTABLE PULSE RATE FOR MECHANICAL DISPLAY APPLICATIONS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9602MSA Datasheet(HTML) 5 Page - Sames

  SA9602MSA Datasheet HTML 1Page - Sames SA9602MSA Datasheet HTML 2Page - Sames SA9602MSA Datasheet HTML 3Page - Sames SA9602MSA Datasheet HTML 4Page - Sames SA9602MSA Datasheet HTML 5Page - Sames SA9602MSA Datasheet HTML 6Page - Sames SA9602MSA Datasheet HTML 7Page - Sames SA9602MSA Datasheet HTML 8Page - Sames SA9602MSA Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SA9602M
sames
5/16
FUNCTIONAL DESCRIPTION
The SA9602M is a CMOS mixed signal Analog/Digital integrated circuit, which performs
power/energy calculations across a power range of 1000:1, to an overall accurancy of
better than Class 1.
The integrated circuit includes all the required functions for 1-phase power and energy
measurement such as two oversampling A/D converters for the voltage and current
sense inputs, power calculation and energy integration. Internal offsets are eliminated
through the use of cancellation procedures. The SA9602M generates pulses, the
frequency of which is proportional to the power consumption. Two frequency outputs
(MOTOR and LED) are available. The pulse rate follows the instantaneous power
consumption measured.
The motor drive pin can be configured as a unipolar or bipolar output using input MD. This
choice allows the manufacturer to use either an impulse counter (unipolar) or stepper
motor (bipolar).
1.
Power Calculation
In the Application Circuit (Figure 1), the voltage drop across the shunt will be
between 0 and 16mV
RMS (0 to 80A through a shunt resistor of 200µΩ). This voltage
is converted to a current of between 0 and 16µA
RMS, by means of resistors R1 and
R
2.
The current sense input saturates at an input current of ±25µA peak.
For the voltage sensor input, the mains voltage (230VAC) is divided down through
a divider to 14V
RMS.
The current into the A/D converter input is set at 14µA
RMS at
nominal mains voltage, via resistor R4 (1M
Ω).
Different pulse rates are available at the motor drive pin.
The device may be
programmed for a 1 pulse/kWh, 10 pulses/kWh or 100 pulses/kWh output,
depending on the status of the motor pulse rate select pins MPD and MP1.
The LED pulse rate is fixed at 1000 pulses/kWh. The frequency of the motor drive
and LED pin is dependant on the settings of R0 and R1 which allow selection of
different rated conditions. Rated conditions such as 230V/40A, 230V/60A, 230V/
80A and 230V/100A may be chosen. This facility allows meter manufacturers to
cater for a wide range of metering applications with minimal design changes.
2.
Analog Input Configuration
The input circuitry of the current and voltage sensor inputs are illustrated below.
These inputs are protected against electrostatic discharge through clamping
diodes.
The feedback loops from the outputs of the amplifiers A
I and AV generate virtual
shorts on the signal inputs. Exact duplications of the input currents are generated
for the analog signal processing circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com