Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9602MSA Datasheet(PDF) 6 Page - Sames

Part # SA9602MSA
Description  SINGLE PHASE POWER/ENERGY METERING IC WITH SELECTABLE PULSE RATE FOR MECHANICAL DISPLAY APPLICATIONS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9602MSA Datasheet(HTML) 6 Page - Sames

Back Button SA9602MSA Datasheet HTML 2Page - Sames SA9602MSA Datasheet HTML 3Page - Sames SA9602MSA Datasheet HTML 4Page - Sames SA9602MSA Datasheet HTML 5Page - Sames SA9602MSA Datasheet HTML 6Page - Sames SA9602MSA Datasheet HTML 7Page - Sames SA9602MSA Datasheet HTML 8Page - Sames SA9602MSA Datasheet HTML 9Page - Sames SA9602MSA Datasheet HTML 10Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SA9602M
6/16
sames
3.
Electrostatic Discharge (ESD) Protection
The SA9602M integrated circuit's inputs/outputs are protected against ESD.
4.
Power Consumption
The power consumption rating of the SA9602M integrated circuit is less than
30mW.
5.
Output Signals
The motor drive output pulse is defined by the status of the MD input pin: MD=0 for
unipolar; and MD=1 for bipolar. Note that the LED output pulses at a high frequency
(1160Hz at rated conditions, irrespective of the R0, R1 inputs) when MD=0, this
mode is very usefull for fast callibration during manufacturing. The wave forms for
the two types of output driving methods are show below:
VOLTAGE
SENSOR
INPUT
IVP
DR-01288
SS
V
CURRENT
SENSOR
INPUTS
IIP
IIN
SS
V
V DD
SS
V
V DD
DD
V
GND
A
V
A I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com