Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA2425 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # KA2425
Description  SPEECH NETWORK WITH DIALER INTERFACE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2425 Datasheet(HTML) 2 Page - Samsung semiconductor

  KA2425 Datasheet HTML 1Page - Samsung semiconductor KA2425 Datasheet HTML 2Page - Samsung semiconductor KA2425 Datasheet HTML 3Page - Samsung semiconductor KA2425 Datasheet HTML 4Page - Samsung semiconductor KA2425 Datasheet HTML 5Page - Samsung semiconductor KA2425 Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KA2425A
SPEECH NETWORK WITH DIALER INTERFACE
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
(Ta = 25
°C)
ELECTRICAL CHARACTERISTICS (T
a = 25
°C)
None : Typicals are tested or guaranteed.
Characteristic
Symbol
Value
Unit
V+ Voltage
VDD (V+ = 0)
MT,MS inputs
VLR
Storage Temperature
VC
VDD
VM
VLR
TSTG
-1.0 ~ +18
-1.0 ~ +6
-1.0 ~ VDD +1
-1.0V~ V+ -3.0
-65 ~ +150
V
V
V
V
°C
Characteristic
Symbol
Value
Unit
ITXO (Instantaneous)
V+ (Voltage :Speech Mode
Tone Dialing Mode
Operating Temperature
ICC
V+ (SM)
V+(TM)
TORR
0 ~ 10
+1.5 ~ +15
+3.3 ~ +15
-20 ~ +60
mA
V
V
°C
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
SYSTEM SPECTIFICATIONS (Refer to Fig.3 and Fig.4)
TX Gain from VS to V+
Gain Change
Distortion
Output Noise
GV (TX)
∆G
V (TX)
THD TX
VNO (TX)
Figure (IL = 20mA)
IL = 60mA
28
-6.0
-
-
29.5
-4.5
2.0
11
31
-3.6
-
-
dB
dB
%
dBmc
RX
VRXO / VS
RX Gain Change
Distortion
GV (RX)
∆G
V (RX)
THD RX
f = 1.0KHZ, IL = 20mA
(See Figure.4) IL = 60mA
-16
-5.0
-
-15
-3.0
2.0
-13
-2.0
-
dB
dB
%
DTMF Driver
V+ / VIN
GV (MF)
IL = 20mA
3.2
4.8
6.2
dB
Sidetone Level
VRXO / V+
GV (ST)
IL = 20mA
IL = 60mA
-
-
-28
-13
-
-
Sidetone Rejection
{
{
RST
IL = 20mA
12
18
-
dB
Tip-Ring Voltage (including polarity
guard
bridge drop of 1.4v)
(Speech Mode)
VTR
IL = 5.0mA
IL = 10mA
IL = 20mA
IL = 40mA
IL = 60mA
-
-
-
-
-
2.4
3.9
4.6
5.6
6.6
-
-
-
-
-
VDC
AC impedance
Speech mode (incl. C6,See Figure 4)
Zac = (600)V +/ (VS - V+)
Tone Mode (including C6)
Zac
IL = 20mA
IL = 60mA
20mA < IL , 60mA
-
-
-
750
300
1650
-
-
-
dB
V+
VRXO
V+
VRXO
(Figer 3)} dB
(Figure 4)}dB -



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com