Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA2425 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # KA2425
Description  SPEECH NETWORK WITH DIALER INTERFACE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2425 Datasheet(HTML) 3 Page - Samsung semiconductor

  KA2425 Datasheet HTML 1Page - Samsung semiconductor KA2425 Datasheet HTML 2Page - Samsung semiconductor KA2425 Datasheet HTML 3Page - Samsung semiconductor KA2425 Datasheet HTML 4Page - Samsung semiconductor KA2425 Datasheet HTML 5Page - Samsung semiconductor KA2425 Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
KA2425A
SPEECH NETWORK WITH DIALER INTERFACE
ECTRICAL CHARACTERISTICS (Continued)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
SYSTEM AMPLIFIERS
TX
Gain
TXO Bias Voltage
TXO Bias Voltage
TXO Bias Voltage
TXO Bias Voltage
TXI input Resistance
GV (TX)
VBIAS (SPM)
VBIAS (TM)
VOL (SPM)
VOL (SPM)
RI (TXI)
TXI to TXO
Speech/Pulse Mode
Tone Mode
Speech/Pulse Mode
Speech/Pulse Mode
24
0.45
VR -25
VR -25
-
-
26
0.52
VR -5.0
VR -5.0
125
10
28
0.60
-
-
250
-
dB
xVR
mV
mV
mV
K
RX
RXO Bias voltage
RXO Source current
RXO Source current
RXO High Voltage
RXO Low Voltage
VBIAS (AM)
ISOURCE (SM)
ISOURCE (PTM)
VOH (AM)
VOL (AM)
All Mode
Speech Mode
Pulse/tone Mode
All Mode
All Mode
0.45
1.5
200
VR -100
-
0.52
2.0
400
VR -50
50
0.60
-
-
-
150
xVR
mA
µA
mV
mV
SIDETONE AMPLIFIER
Gain (TXO to STA)
Speech Mode
Speech Mode
Pulse Mode
Pulse Mode
@VLR = 0.5V
@VLR = 2.5V
@VLR = 0.2V
@VLR = 1.0V
-
-
-
-
-15
-21
-15
-21
-
-
-
-
dB
STA Bias Voltage
VBIAS (STA)
All Modes
0.65
0.8
0.9
xVR
MICROPHONE, RECEIVER CONTROLS
MIC Saturation Voltage
VSAT (MIC)
Speech Mode,1 = 500
µA
-
50
125
mV
MIC Leakage Current
ILKG (MIC)
Dialing Mode, Pin 1=3.0V
-
0
5.0
µA
RRMT (SM)
RRMT (DM)
Speech Mode
Dialing Mode
-
5.0
8.0
10
15
18
K
RMT Delay
tD (RMT)
Dialing to Speech
2.0
4.0
20
ms
EQUALIZATION AMPLIFIER
GAIN (V + to EQ)
Speech Mode
Speech Mode
Pulse Mode
Pulse Mode
GV (EQ)
@ VLR = 0.5V
@ VLR = 2.5V
@ VLR = 0.2V
@ VLR = 1.0V
-
-
-
-
-12
-2.5
-12
-2.5
-
-
-
-
dB
EQ Bias Voltage
Speech Mode
Pulse Mode
Speech, Pulse Mode
VBIAS (EQ)
@ VLR = 0.5V
@ VLR = 0.5V
@ VLR = 2.5V
-
-
-
0.66
1.3
3.3
-
-
-
Vdc
GV (STA)
RMT Resistance



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com