Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K6R1016C1 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K6R1016C1
Description  64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R1016C1 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button K6R1016C1 Datasheet HTML 2Page - Samsung semiconductor K6R1016C1 Datasheet HTML 3Page - Samsung semiconductor K6R1016C1 Datasheet HTML 4Page - Samsung semiconductor K6R1016C1 Datasheet HTML 5Page - Samsung semiconductor K6R1016C1 Datasheet HTML 6Page - Samsung semiconductor K6R1016C1 Datasheet HTML 7Page - Samsung semiconductor K6R1016C1 Datasheet HTML 8Page - Samsung semiconductor K6R1016C1 Datasheet HTML 9Page - Samsung semiconductor K6R1016C1 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
K6R1016V1D
CMOS SRAM
Revision 3.0
- 6 -
June 2002
for AT&T
Address
Data Out
Previous Valid Data
Valid Data
TIMING DIAGRAMS
TIMING WAVEFORM OF READ CYCLE(1) (Address Controlled, CS=OE=VIL, WE=VIH, UB, LB=VIL)
tAA
tRC
tOH
READ CYCLE*
* The above parameters are also guaranteed at industrial temperature range.
Parameter
Symbol
K6R1016V1D-08
K6R1016V1D-10
Unit
Min
Max
Min
Max
Read Cycle Time
tRC
8
-
10
-
ns
Address Access Time
tAA
-
8
-
10
ns
Chip Select to Output
tCO
-
8
-
10
ns
Output Enable to Valid Output
tOE
-
4
-
5
ns
UB, LB Access Time
tBA
-
4
-
5
ns
Chip Enable to Low-Z Output
tLZ
3
-
3
-
ns
Output Enable to Low-Z Output
tOLZ
0
-
0
-
ns
UB, LB Enable to Low-Z Output
tBLZ
0
-
0
-
ns
Chip Disable to High-Z Output
tHZ
0
4
0
5
ns
Output Disable to High-Z Output
tOHZ
0
4
0
5
ns
UB, LB Disable to High-Z Output
tBHZ
0
4
0
5
ns
Output Hold from Address Change
tOH
3
-
3
-
ns
Chip Selection to Power Up Time
tPU
0
-
0
-
ns
Chip Selection to Power DownTime
tPD
-
8
-
10
ns
WRITE CYCLE*
* The above parameters are also guaranteed at industrial temperature range.
Parameter
Symbol
K6R1016V1D-08
K6R1016V1D-10
Unit
Min
Max
Min
Max
Write Cycle Time
tWC
8
-
10
-
ns
Chip Select to End of Write
tCW
6
-
7
-
ns
Address Set-up Time
tAS
0
-
0
-
ns
Address Valid to End of Write
tAW
6
-
7
-
ns
Write Pulse Width(OE High)
tWP
6
-
7
-
ns
Write Pulse Width(OE Low)
tWP1
8
-
10
-
ns
UB, LB Valid to End of Write
tBW
6
-
7
-
ns
Write Recovery Time
tWR
0
-
0
-
ns
Write to Output High-Z
tWHZ
0
4
0
5
ns
Data to Write Time Overlap
tDW
4
-
5
-
ns
Data Hold from Write Time
tDH
0
-
0
-
ns
End of Write to Output Low-Z
tOW
3
-
3
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com