Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K6R1016C1 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K6R1016C1
Description  64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R1016C1 Datasheet(HTML) 3 Page - Samsung semiconductor

  K6R1016C1 Datasheet HTML 1Page - Samsung semiconductor K6R1016C1 Datasheet HTML 2Page - Samsung semiconductor K6R1016C1 Datasheet HTML 3Page - Samsung semiconductor K6R1016C1 Datasheet HTML 4Page - Samsung semiconductor K6R1016C1 Datasheet HTML 5Page - Samsung semiconductor K6R1016C1 Datasheet HTML 6Page - Samsung semiconductor K6R1016C1 Datasheet HTML 7Page - Samsung semiconductor K6R1016C1 Datasheet HTML 8Page - Samsung semiconductor K6R1016C1 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
K6R1016V1D
CMOS SRAM
Revision 3.0
- 3 -
June 2002
for AT&T
64K x 16 Bit High-Speed CMOS Static RAM(3.3V Operating)
The K6R1016V1D is a 1,048,576-bit high-speed Static Random
Access Memory organized as 65,536 words by 16 bits.
The K6R1016V1D uses 16 common input and output lines and
has at output enable pin which operates faster than address
access time at read cycle. Also it allows that lower and upper
byte access by data byte control (UB, LB). The device is
fabricated using SAMSUNG
′s advanced CMOS process and
designed for high-speed circuit technology. It is particularly well
suited for use in high-density high-speed system applications.
The K6R1016V1D is packaged in a 400mil 44-pin plastic SOJ
or TSOP2 forward or 48-TBGA.
GENERAL DESCRIPTION
FEATURES
• Fast Access Time 8,10ns(Max.)
• Low Power Dissipation
Standby (TTL)
: 20mA(Max.)
(CMOS) :
5mA(Max.)
Operating
K6R1016V1D- 08: 80mA(Max.)
K6R1016V1D-10: 65mA(Max.)
• Single 3.3V Power Supply
• TTL Compatible Inputs and Outputs
• Fully Static Operation
- No Clock or Refresh required
• Three State Outputs
• Center Power/Ground Pin Configuration
• Data Byte Control: LB: I/O1~ I/O8, UB: I/O9~ I/O16
• Standard Pin Configuration:
K6R1016V1D-J: 44-SOJ-400
K6R1016V1D-T: 44-TSOP2-400BF
K6R1016V1D-E: 48-TBGA ( 6.0mm X 7.0mm )
with 0.75mm ball pitch
• Operating in Commercial and Industrial Temperature range.
Clk Gen.
I/O1~I/O8
OE
UB
CS
FUNCTIONAL BLOCK DIAGRAM
Data
Cont.
Column Select
A10 A11 A12 A13 A14 A15
CLK
Gen.
Pre-Charge Circuit
Memory Array
512 Rows
128x16 Columns
I/O Circuit &
A0
I/O9~I/O16
Data
Cont.
WE
LB
A1
A2
A3
A4
A5
A6
A7
A9
A8
PIN FUNCTION
Pin Name
Pin Function
A0 - A15
Address Inputs
WE
Write Enable
CS
Chip Select
OE
Output Enable
LB
Lower-byte Control(I/O1~I/O8)
UB
Upper-byte Control(I/O9~I/O16)
I/O1 ~ I/O16
Data Inputs/Outputs
VCC
Power(+3.3V)
VSS
Ground
N.C
No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com