Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI-3003S Datasheet(PDF) 1 Page - Sanken electric

Part # SI-3003S
Description  3-terminal Dropper Type Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3003S Datasheet(HTML) 1 Page - Sanken electric

  SI-3003S Datasheet HTML 1Page - Sanken electric SI-3003S Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical Characteristics
Parameter
Symbol
min
typ
max
Unit
Conditions
Ratings
Output voltage
Dropout voltage
Input voltage
Quiescent circuit current
(Tj=25ºC, VIN=14V, IO=0.5A unless otherwise specified)
VIN
IO 0.5A
IO 0.8A
VIN=8 to 16V
IO=0 to 0.5A
IO=0A
f=100 to 120Hz
630
V
4.90
5.00
5.10
V
0.5
1.0
V
V
30
mV
100
mV
54
3
dB
10
mA
0.9
A
VO
VDIF
VO LINE
VO LOAD
RREJ
Iq
IS1
Ripple rejection
Overcurrent protection starting
current
Line regulation
Load regulation
*3
Parameter
Symbol
Unit
Conditions
Ratings
Absolute Maximum Ratings
(Ta =25ºC)
DC input voltage
Output current
Power Dissipation
Junction temperature
Operating temperature
Storage temperature
Junction to case thermal resistance
Junction to ambient-air thermal
resistance
VIN
IO
PD1
PD2
Tj
TOP
Tstg
j
-c
j
-a
V
With infinite heatsink
Stand-alone without heatsink
Stand-alone without heatsink
A
W
W
ºC
ºC
ºC
ºC/W
ºC/W
35
0.8
22
1.8
–40 to +150
–40 to +100
–40 to +150
5.5
66.7
*2
Equivalent Circuit Diagram
Standard Circuit Diagram
External Dimensions (unit: mm)
8
Features
q 3-terminal IC regulator with 0.8A output current
q Voltage accuracy of
±2%
q Low Dropout voltage
0.5V at IO 0.5A,
1V at IO 0.8A
q Built-in constant current type overcurrent, overvoltage and thermal protection circuits
q TO-220 equivalent full-mold package
4•P1.7±0.15 = 6.8±0.15
10±0.2
4.2±0.2
2.8±0.2
2.6±0.15
3.2 ±0.2
0.94±0.15
0.45
a
b
Terminal connections
1. VIN
2. (NC)
3. GND
4. (NC)
5. VO
a: Type No.
b: Lot No.
0.85
+0.2
–0.1
+0.2
–0.1
(root dimensions)
123 4 5
(Forming No. 1115)
D
V
DC input
DC output
V
C
1
O
O
IN
1
3
SI-3003S
C1
C2
5
2
N.C
N.C
4
+
+
VIN
VO
1
3
5
GND
TSD
ERR
OCP
DET
REF
3-terminal Dropper Type Regulator
SI-3003S
Notes:
*1. Since PD(max) = (VIN–VO) • IO=22 (W), VIN(max) and IO (max) may be limited depending on operating
conditions. Refer to the Ta —PD curve to compute the corresponding values.
*2. Refer to the dropout voltage.
*3. IS1 rating shall be the point at which the output voltage VO (VIN=14V, IO=0.5A) drops to –5%.
Co :
Output capacitor (47 to 100
µF, 50V)
C1,C2 : Anti-oscillation capacitors (C1: approx. 47
µF, C2: approx.
0.33
µF). These are required for inductive input lines or
long wiring. Tantalum capacitors are recommended for
C1 and Co, especially at low temperatures.
D1 :
Protection diode. Required as protection against reverse
biasing between input and output.
(Recommended diode: Sanken EU2Z.)
*2
*1
*2
*1
*2
*1


Similar Part No. - SI-3003S

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3003KWD ALLEGRO-SI-3003KWD Datasheet
439Kb / 9P
1A, Low-Dropout, Dual Output, 1.8V & 2.5V Regulator
SI-3003KWD-TL ALLEGRO-SI-3003KWD-TL Datasheet
439Kb / 9P
1A, Low-Dropout, Dual Output, 1.8V & 2.5V Regulator
SI-3003KWF ALLEGRO-SI-3003KWF Datasheet
260Kb / 9P
1A, Low-Dropout, Dual Outpout, 1.8V & 2.5V Regulator
logo
Sanken electric
SI-3003KWM SANKEN-SI-3003KWM Datasheet
369Kb / 9P
1 A, Low-Dropout, Dual Output, 1.8 V & 2.5 V Regulator
More results

Similar Description - SI-3003S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3000N SANKEN-SI-3000N Datasheet
37Kb / 4P
3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000P SANKEN-SI-3000P Datasheet
45Kb / 4P
3-Terminal, Dropper Type
SI-3000V SANKEN-SI-3000V Datasheet
41Kb / 4P
3-Terminal, Low Dropout Voltage Dropper Type
SI-3001N SANKEN-SI-3001N Datasheet
39Kb / 4P
3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3002N SANKEN-SI-3002N Datasheet
36Kb / 4P
3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3011S SANKEN-SI-3011S Datasheet
35Kb / 3P
Dropper Type Regulator with Reset Function
SI-3101S SANKEN-SI-3101S Datasheet
34Kb / 2P
Dropper Type Dual Output Regulator
SI-3102S SANKEN-SI-3102S Datasheet
32Kb / 2P
Dropper Type Dual Output Regulator
SLA3001M SANKEN-SLA3001M Datasheet
96Kb / 5P
3-Output Dropper/Switching Type
STR9000 SANKEN-STR9000 Datasheet
53Kb / 5P
5-Terminal, Low Dropout Voltage Dropper Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com