Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI-3003S Datasheet(PDF) 2 Page - Sanken electric

Part # SI-3003S
Description  3-terminal Dropper Type Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3003S Datasheet(HTML) 2 Page - Sanken electric

  SI-3003S Datasheet HTML 1Page - Sanken electric SI-3003S Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
9
0.2
0.1
0.3
0.4
0.5
0
0
0.2
0.4
0.6
0.8
0
4.9
5.0
5.1
0
5
10
152025
35
30
0
2
1
3
4
6
5
0
24
6
10
8
0
0
4.9
5.0
5.1
0.2
0.4
0.6
0.8
IO=0A
=0.2A
=0.5A
=0.8A
IO=0A
=0.5A
=0.8A
IO=0.8A
=0.5A
=0.2A
=0A
IO=0.5, 0.8A
=0.2A
=0A
VIN=35V
=25V
=14V
=6V
5.0
4.9
5.1
–50
0
50
100
150
VIN / IO:
6V / 0.8A
14V / 0.5A
30V / 0A
0
100
50
150
200
250
0
5
1015
2025
35
30
0
0
4
3
2
1
5
6
0.5
1.0
1.5
2.0
2.5
VIN=6V
14V
35V
25V
2
1
3
4
5
6
0
120
140
160
180
200
VIN=6V
IO=5mA
10
5
15
20
25
0
–40
0
40
80
100
200 •200 •2mm
(2.3ºC/W)
100 •100 •2mm
(5.2ºC/W)
75 •75 •2mm
(7.6ºC/W)
Note on Thermal Protection Characteristics:
The thermal protection circuit is intended for protection
against heat during instantaneous short-circuiting. Its
operation, including reliability, is not guaranteed for
short-circuiting over an extended period of time.
Output current IO (A)
Output current IO (A)
s Io vs VDIF Characteristics
s Line Regulation
Input voltage VIN (V)
Input voltage VIN (V)
Input voltage VIN (V)
s Load Regulation
s Rise Characteristics
s Circuit Current
s Thermal Protection Characteristics
s Overcurrent Protection Characteristics
s Output Voltage Temperature Characteristics
Ambient temperature Ta (ºC)
Ambient temperature Ta (ºC)
Output current IO (A)
Operating temperature Ta (ºC)
s Ta—PD Characteristics
With silicone grease
Heatsink: aluminum
With infinite heatsink
Without heatsink



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com