Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR2012 Datasheet(PDF) 1 Page - Sanken electric

Part # STR2012
Description  Switching Type(Chopper * Self Oscillation Type)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR2012 Datasheet(HTML) 1 Page - Sanken electric

  STR2012 Datasheet HTML 1Page - Sanken electric STR2012 Datasheet HTML 2Page - Sanken electric STR2012 Datasheet HTML 3Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
9
DC Input Voltage Range
V
Output Voltage
V
Efficiency
%
Line Regulation
mV
Load Regulation
mV
Ripple Rejection
dB
Switching Frequency
kHz
STR2000 Series
Switching Type
Chopper • Self Oscillation Type
External View
s Electrical Characteristics (Ta=25
°C)
Power Dissipation
PD
W
Ratings
Parameter
Symbol
STR2005
STR2012
STR2013
STR2015
STR2024
Unit
min
typ max min typ
max min
typ max min
typ max min
typ max
VIN
11
40
18
45
19
45
21
45
30
50
Condition
IO=1.0A
VO
5.0
5.1
5.2 11.8 12.0 12.2 12.8 13.0 13.2 14.8 15.0 15.2 23.7 24.0 24.3
Condition VIN=20V, IO=1.0A
VIN=24V, IO=1.0A
VIN=27V, IO=1.0A
VIN=35V, IO=1.0A
η
72
85
858585
Condition VIN=20V, IO=1.0A
VIN=24V, IO=1.0AVIN=27V, IO=1.0A
VIN=35V, IO=1.0A
∆VOLINE
50
60
60
60
60
Condition VIN=15 to 25V, IO=1.0A
VIN=20 to 28V, IO=1.0A
VIN=23 to 31V, IO=1.0A VIN=30 to 40V, IO=1.0A
∆VOLOAD
100
100
100
100
100
Condition VIN=20V, IO=0.5 to 1.5A
VIN=24V, IO=0.5 to 1.5A
VIN=27V, IO=0.5 to 1.5A VIN=35V, IO=0.5 to 1.5A
RREJ
45
45
45
45
45
Condition
f=100 to 120Hz
f
25
25
252525
Condition VIN=20V, IO=1.0A
VIN=24V, IO=1.0A
VIN=27V, IO=1.0A VIN=35V, IO=1.0A
Ratings
STR2005 STR2012 STR2013 STR2015 STR2024
DC Input Voltage
VIN
45
50
V
DC Output Current
IO
2.0 (pulse 3.0)
A
75 (TC=25
°C)
15 (TC=100
°C)
Operating Temperature
Top
–20 to +100
°C
Storage Temperature
Tstg
–20 to +125
°C
Thermal Resistance ( junction-to-case)
Rth(j-c)
1.25
°C/W
s Absolute Maximum Ratings (Ta=25
°C)
Parameter
Symbol
Unit
Features
q Requires only 3 external components
q Small size and high efficiency
q Low switching noise
q Variable output voltage
q Use of SANKEN's semiconductor elements ensures
high reliability
Applications
q For power supplies in office equipment such as
electronic typewriters, printers, and copiers
q For power supplies in VCRs and personal CB radios
(fixed station)


Similar Part No. - STR2012

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
STR20100LCB PANJIT-STR20100LCB Datasheet
326Kb / 5P
Surface Mount Low VF Schottky Barrier Rectifier
August 18,2022
STR20100LCB_R2_00001 PANJIT-STR20100LCB_R2_00001 Datasheet
326Kb / 5P
Surface Mount Low VF Schottky Barrier Rectifier
August 18,2022
STR20100LCT PANJIT-STR20100LCT Datasheet
309Kb / 5P
Low VF Schottky Barrier Rectifier
March 4,2022
STR20100LCT_T0_00001 PANJIT-STR20100LCT_T0_00001 Datasheet
309Kb / 5P
Low VF Schottky Barrier Rectifier
March 4,2022
STR20100LFCT PANJIT-STR20100LFCT Datasheet
403Kb / 5P
Low VF Schottky Barrier Rectifier
March 4,2022
More results

Similar Description - STR2012

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8200L-1 SANKEN-SI-8200L-1 Datasheet
64Kb / 6P
Switching Type(Self Oscillation Type with Coil)
SI-8200L SANKEN-SI-8200L Datasheet
68Kb / 4P
Self Oscillating Switching Type with Coil
STR20000 SANKEN-STR20000 Datasheet
32Kb / 2P
Switching Type(Chopper Self Oscillation Type)
logo
Sharp Corporation
PQ1CG38M2FZH SHARP-PQ1CG38M2FZH Datasheet
157Kb / 5P
TO-220 Type Chopper Regulator, built-in 300kHz oscillation circuit
PQ1CG38M2FZ SHARP-PQ1CG38M2FZ Datasheet
92Kb / 6P
TO-220 Type Chopper Regulator, built-in 300kHz oscillation circuit
PQ1CG41H2FZ SHARP-PQ1CG41H2FZ Datasheet
82Kb / 4P
TO-220 Type Chopper Regulator built-in 300kHz oscillation circuit
PQ1CZ41H2ZXH SHARP-PQ1CZ41H2ZXH Datasheet
159Kb / 5P
TO-220 Type Chopper Regulator, built-in 300kHz oscillation circuit
PQ1CG41H2FZH SHARP-PQ1CG41H2FZH Datasheet
144Kb / 5P
TO-220 Type Chopper Regulator Built-in 300kHz oscillation circuit
logo
Inchange Semiconductor ...
STK730-010 ISC-STK730-010 Datasheet
130Kb / 3P
Self-excitation Type Semi-Regulated Switching Regulator
STK73902 ISC-STK73902 Datasheet
128Kb / 3P
Self-excitation Type Feedback Control Switching Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com