Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3255 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC3255
Description  60V/10A High-Speed Switching Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC3255 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC3255 Datasheet HTML 1Page - Sanyo Semicon Device 2SC3255 Datasheet HTML 2Page - Sanyo Semicon Device 2SC3255 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - 2SC3255

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC3255 ISC-2SC3255 Datasheet
95Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC3255 SAVANTIC-2SC3255 Datasheet
137Kb / 4P
Silicon NPN Power Transistors
2SC3255 SAVANTIC-2SC3255 Datasheet
139Kb / 4P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC3255 NJSEMI-2SC3255 Datasheet
129Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC3255

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1289 SANYO-2SA1289 Datasheet
103Kb / 3P
60V/5A High-Speed Switching Applications
2SA1290 SANYO-2SA1290 Datasheet
100Kb / 3P
60V/7A High-Speed Switching Applications
2SA1292 SANYO-2SA1292 Datasheet
100Kb / 4P
60V/15A High-Speed Switching Applications
2SA1469 SANYO-2SA1469 Datasheet
101Kb / 4P
60V/5A High-Speed Switching Applications
2SA1470 SANYO-2SA1470 Datasheet
101Kb / 4P
60V/7A High-Speed Switching Applications
2SA1471 SANYO-2SA1471 Datasheet
102Kb / 4P
60V/10A High-Speed Switching Applications
2SA2023 SANYO-2SA2023 Datasheet
41Kb / 4P
60V / 5A High-Speed Switching Applications
logo
Toshiba Semiconductor
SSM6N16FE TOSHIBA-SSM6N16FE Datasheet
143Kb / 5P
High Speed Switching Applications Analog Switching Applications
SSM6N44FE TOSHIBA-SSM6N44FE Datasheet
154Kb / 5P
High Speed Switching Applications Analog Switching Applications
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
High-Speed Switching Applications Analog Switching Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com