Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4483 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC4483
Description  Low-Frequency Amp, Electronic Governor Applications??????
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4483 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC4483 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4483 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4483 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4483 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - 2SC4483

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4480 SANYO-2SC4480 Datasheet
85Kb / 3P
High-Frequency General-Purpose Amp, General Driver Applications????????????
2SC4481 SANYO-2SC4481 Datasheet
119Kb / 4P
Low-Frequency General-Purpose Amp Applications????
2SC4482 SANYO-2SC4482 Datasheet
84Kb / 3P
High-Current Switching Applications
logo
ON Semiconductor
2SC4482 ONSEMI-2SC4482 Datasheet
580Kb / 6P
Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single NMP
September, 2013
2SC4482T-AN ONSEMI-2SC4482T-AN Datasheet
580Kb / 6P
Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single NMP
September, 2013
More results

Similar Description - 2SC4483

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6235F ROHM-BA6235F Datasheet
38Kb / 3P
3V electronic governor
logo
Sanyo Semicon Device
2SB1119 SANYO-2SB1119 Datasheet
85Kb / 3P
LF Amp,Electronic Governor Applications
2SK304 SANYO-2SK304 Datasheet
70Kb / 3P
Low-Frequency Amp Applications?
FC12 SANYO-FC12 Datasheet
153Kb / 5P
High-Frequency Amp, AM Applications, Low-Frequency Amp
FC18 SANYO-FC18 Datasheet
146Kb / 5P
High-Frequency Amp, AM Amp, Low-Frequency Amp Applications
logo
KEC(Korea Electronics)
KTB598 KEC-KTB598 Datasheet
68Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (LOW FREQUENCY POWER AMP, CONVERTER ELECTRONIC GOVERNOR)
KTD545 KEC-KTD545 Datasheet
68Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (LOW FREQUENCY POWER AMP, ELECTRONIC GOVERNOR)
KTC3531T KEC-KTC3531T Datasheet
73Kb / 2P
LOW FREQUENCY POWER AMP, CONVERTER ELECTRONIC GOVERNOR APPLICATIONS
logo
Sanyo Semicon Device
2SB544 SANYO-2SB544 Datasheet
445Kb / 5P
Low-Frequency Power Amp, Electronic Governor Applications
logo
Unisonic Technologies
BA6220 UTC-BA6220 Datasheet
117Kb / 5P
GENERAL USE ELECTRONIC GOVERNOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com