Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4826 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC4826
Description  High Definition CRT Display Video Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4826 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC4826 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4826 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4826 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4826 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA1852 / 2SC4826
No.5495-2/4
50
40
30
20
10
48
16
12
20
0
0
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V ITR03940
IC -- VBE
2SC4826
VCE=10V
2SC4826
ITR03942
2SA1852
VCE= --10V
--120
--100
--20
--40
--60
--80
0
0
--1.2
--1.0
--0.8
--0.6
--0.4
--0.2
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
ITR03941
--50
--40
--30
--20
--10
0
0
--4
--8
--16
--12
--20
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V ITR03939
2SA1852
IB=0
--500
µA
--400µA
--300µA
--200µA
--100
µA
--150
µA
--250µA
--450µA
--350µA
IB=0
Base-to-Emitter Voltage, VBE -- V
2SC4826
VCE=10V
hFE -- IC
Collector Current, IC -- mA
ITR03944
hFE -- IC
Collector Current, IC -- mA
10
--1.0
3
2
100
3
2
7
5
7
5
23
5
57
--10
72
2
35
--100
7
2SA1852
VCE= --10V
ITR03943
10
3
2
100
3
2
7
5
7
5
--50
µA
500µA
400µA
300
µA
200
µA
100
µA
150
µA
250
µA
450
µA
350
µA
50
µA
120
100
20
40
60
80
0
0
1.2
1.0
0.8
0.6
0.4
0.2
1.0
23
5
57
10
72
2
35
100
7
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
DC Current Gain
hFE1VCE=(--)10V, IC=(--)10mA
60*
320*
hFE2VCE=(--)10V, IC=(--)50mA
20
Gain-Bandwidth Product
fT
VCE=(--)30V, IC=(--)30mA
300
MHz
Output Capacitance
Cob
VCB=(--)30V, f=1MHz
(2.4)1.9
pF
Reverse Transfer Capacitance
Cre
VCB=(--)30V, f=1MHz
(1.8)1.5
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)20mA, IB=(--)2mA
(--)1.0
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=(--)20mA, IB=(--)2mA
(--)1.0
V
* : The 2SA1852 / 2SC4826 are classified by 10mA hFE as follows :
Rank
D
E
F
hFE
60 to 120
100 to 200
160 to 320



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com