Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4826 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC4826
Description  High Definition CRT Display Video Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4826 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC4826 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4826 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4826 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4826 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA1852 / 2SC4826
No.5495-3/4
ITR03952
2SC4826
IC / IB=10
2SC4826
f=1MHz
2
2
3
5
1.0
7
5
7
10
--1.0
--10
23
5
7
23
5
7
57
--100
Cob -- VCB
Collector-to-Base Voltage, VCB -- V ITR03947
2SA1852
f=1MHz
--1.0
23
5
7
--10
--100
23
5
7
57
2
3
2
7
5
--1.0
--0.1
7
5
ITR03951
2SA1852
IC / IB=10
100
7
5
7
3
5
3
2
1000
--1.0
3
25
7
--10
3
25
7
--100
f T -- IC
Collector Current, IC -- mA
2SA1852
VCE= --30V
ITR03945
f T -- IC
Collector Current, IC -- mA
2SC4826
VCE=30V
ITR03946
Cob -- VCB
Collector-to-Base Voltage, VCB -- V ITR03948
2SC4826
f=1MHz
Cre -- VCB
Collector-to-Base Voltage, VCB -- V ITR03949
2SA1852
f=1MHz
Cre -- VCB
Collector-to-Base Voltage, VCB -- V ITR03950
100
7
5
7
3
5
3
2
1000
1.0
3
25
7
10
3
25
7
100
2
2
3
5
1.0
7
5
7
10
1.0
10
23
5
7
23
5
7
57
100
2
2
3
5
1.0
7
5
7
10
--1.0
--10
23
5
7
2
3
5
7
57
--100
2
2
3
5
1.0
7
5
7
10
1.0
10
2
3
57
2
3
57
57
100
1.0
23
5
7
10
100
23
5
7
57
2
3
2
7
5
1.0
0.1
7
5
Collector Current, IC -- mA
VCE(sat) -- IC
Collector Current, IC -- mA
VCE(sat) -- IC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com