Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5669 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5669
Description  230V / 15A, AF100W Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5669 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5669 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5669 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5669 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5669 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA2031 / 2SC5669
No.6586-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Gain-Bandwidth Product
fT
VCE=(--)5V, IC=(--)1A
(10)15
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(400)200
pF
Base-to-Emitter Voltage
VBE
VCE=(--)5V, IC=(--)7.5A
1.5
V
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)7.5A, IB=(--)0.75A
(--0.3)0.2
(--)2.0
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)5mA, IE=0
(--)250
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)50mA, RBE=∞
(--)230
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)5mA, IC=0
(--)6
V
Turn-On Time
ton
See specified test circuit.
(0.45)0.56
µs
Storage Time
tstg
See specified test circuit.
(1.75)3.3
µs
Fall Time
tf
See specified test circuit.
(0.25)0.4
µs
Swicthing Time Test Circuit
2
4
6
8
10
12
14
16
0123456789
10
0
0
--2
--4
--6
--8
--10
--12
--14
--16
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
0
--1
--2
--3
--4
--5
--6
--7
--8
--9
--10
IT02058
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
IT02060
2SA2031
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
IT02061
IB=0
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
IT02059
2SC5669
IB=0
--40mA
--20mA
--500mA
--400mA
--300mA
--200mA
--100mA
40mA
20mA
400mA
300mA
200mA
100mA
2SA2031
VCE= --5V
2SC5669
VCE=5V
0
--6
--8
--2
--4
--10
--12
--14
--16
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--1.4
--1.6
--1.8
--2.0
0
6
8
2
4
10
12
14
16
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
For PNP, the polarity is reversed.
VR
RB
VCC=50V
VBE= --2V
10IB1= --10IB2=IC=7.5A
+
+
50
Ω
INPUT
OUTPUT
RL=
6.67
Ω
100
µF
470
µF
PW=20
µs
IB1
D.C.
≤1%
IB2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com