Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5669 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5669
Description  230V / 15A, AF100W Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5669 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5669 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5669 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5669 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5669 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA2031 / 2SC5669
No.6586-3/4
100
23
10
23
5
7
1.0
23
5
7
Ambient Temperature, Ta --
°C
PC -- Ta
IT02067
0
20
40
60
80
100
120
140
160
0
0.5
1.0
1.5
2.0
2.5
3.0
Case Temperature, Tc --
°C
PC -- Tc
IT02068
0
20
40
60
80
100
120
140
160
0
150
140
100
50
Collector-to-Emitter Voltage, VCE -- V
Forward Bias A S O
IT02066
10ms
100ms
1ms
2SA2031 / 2SC5669
2SA2031 / 2SC5669
2SA2031 / 2SC5669
Tc=25
°C
Single Pulse
For PNP, the minus sign(--)is omitted
IC=15A
ICP=30A
--0.01
--0.1
5
7
2
3
5
7
2
3
--1.0
2
--10
2
--1.0
23
5 7
--0.1
23
5 7
--0.01
23
5 7
Collector Current, IC -- A
VCE(sat) -- IC
IT02064
2SA2031
IC / IB=10
0.01
0.1
5
7
2
2
3
5
7
2
3
1.0
10
2
1.0
23
5 7
0.1
23
5 7
0.01
23
5 7
Collector Current, IC -- A
VCE(sat) -- IC
IT02065
2SC5669
IC / IB=10
0.01
2
3
0.1
5
7
2
3
1.0
5
7
2
3
10
5
2
3
5
7
P
C =140W
No
heat
sink
Ta=120
°C
Ta=120
°C
hFE -- IC
Collector Current, IC -- A
IT02062
10
100
5
7
2
3
2
3
--10
2
--1.0
23
5 7
23
5 7
23
5 7 --0.1
--0.01
hFE -- IC
Collector Current, IC -- A
IT02063
10
100
5
7
2
3
2
3
10
2
1.0
23
5 7
23
5 7
23
5 7 0.1
0.01
2SA2031
VCE= --5V
2SC5669
VCE=5V
Ta=120
°C
--40
°C
25
°C
Ta=120
°C
--40°C
25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com