Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4423 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC4423
Description  400V/12A Switching Regulator Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4423 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC4423 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4423 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4423 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4423 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC4423
No.2854–2/4
Switching Time Test Circuit
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
n
i
a
G
t
n
e
r
r
u
C
C
D
h E
F
*
1V E
C
I
,
V
5
=
C
A
6
.
1
=5
10
5
h E
F 2V E
C
I
,
V
5
=
C
A
8
=0
1
h E
F 3V E
C
I
,
V
5
=
C
A
m
0
1
=0
1
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
)
t
a
s
(
E
C
IC
I
,
A
8
=
B
A
6
.
1
=8
.
0V
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
e
s
a
BV
)
t
a
s
(
E
B
IC
I
,
A
8
=
B
A
6
.
1
=5
.
1V
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
GfT
V E
C
I
,
V
0
1
=
C
A
6
.
1
=0
2z
H
M
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
OC b
o
V B
C
z
H
M
1
=
f
,
V
0
1
=0
6
1F
p
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
)
R
B
(
IC
I
,
A
m
1
=
E 0
=0
0
5V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
)
R
B
(
IC
R
,
A
m
5
=
E
B =∞
0
0
4V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
)
R
B
(
IE
I
,
A
m
1
=
C 0
=7
V
e
g
a
t
l
o
V
n
i
a
t
s
u
S
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
)
s
u
s
(
X
E
C
IC
I
,
A
6
=
1
B
I
,
A
6
.
0
=
2
B
d
e
p
m
a
l
C
,
H
µ
0
0
5
=
L
,
A
4
.
2
–
=0
0
4V
e
m
i
T
N
O
-
n
r
u
Tt n
o
IC
I
,
A
0
1
=
1
B
I
,
A
2
=
2
B
R
,
A
4
–
=
L
0
2
=
,
Ω V C
C
V
0
0
2
=5
.
0s
µ
e
m
i
T
e
g
a
r
o
t
St g
t
s
IC
I
,
A
0
1
=
1
B
I
,
A
2
=
2
B
R
,
A
4
–
=
L
0
2
=
,
Ω V C
C
V
0
0
2
=5
.
2s
µ
e
m
i
T
ll
a
Ftf
IC
I
,
A
0
1
=
1
B
I
,
A
2
=
2
B
R
,
A
4
–
=
L
0
2
=
,
Ω V C
C
V
0
0
2
=3
.
0s
µ
* : The hFE1 of the 2SC4423 is classified as follows. When specifying the hFE1 rank, specify two ranks or more in principle.
k
n
a
RL
M
N
h E
F
0
3
o
t
5
10
4
o
t
0
20
5
o
t
0
3
Continued from preceding page.
VR
RL
VCC=200V
VBE= --5V
++
50
Ω
INPUT
OUTPUT
RB
100
µF
470
µF
PW=20
µs
D.C.
≤1%
IB1
IB2
02468
10
ITR06810
hFE -- IC
ITR06812
1.0
23
5 7 10
0.1
23
5 7
0.01
23
5 7
2
ITR06811
IC -- VCE
IB=0
IC -- VBE(on)
0
4
8
12
16
20
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
2
4
6
8
10
12
14
VCE(sat) -- IC
ITR06813
0.1
23
5 7 1.0
0.01
23
5 7
23
5 7 10
2
3
0.1
1.0
3
5
2
7
3
2
5
7
IC / IB=5
3
2
2
3
5
7
100
10
5
7
2
Ta=120
°C
25
°C
--40°C
Ta=
120°
C
25°
C
--40
°C
200mA
400mA
600mA
800mA
1000mA
VCE=5V
VCE=5V
2000mA
1800mA
1600mA
1400mA
1200mA
Collector-to-Emitter Voltage, VCE – V
Base-to-Emitter ON Voltage, VBE(on) – V
Collector Current, IC – A
Collector Current, IC – A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com