Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4423 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC4423
Description  400V/12A Switching Regulator Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4423 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC4423 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4423 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4423 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4423 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC4423
No.2854–3/4
2
0.1
5
7
3
1.0
5
7
2
3
10
5
2
3
1000
100
25
7
3
57
1.0
23
5
7
10
0.1
23
5
7
72
ITR06816
3
1.0
10
5
2
3
0.1
5
2
3
5
100
5
2
3
1000
100
25
7
3
10
25
7
3
25
7
3
10ms
DC
operation
ICP=25A
ICP=25A
IC=12A
Forward Bias A S O
Tc=25
°C
Single pulse
SW Time -- IC
ITR06815
5
0.1
1.0
5
2
3
7
7
10
5
2
3
7
VBE(sat) -- IC
ITR06814
2
1.0
10
3
5
2
7
3
5
7
IC / IB=5
Ta= --40°C
25°C
120°C
Tc=25
°C
IB2= --2.4A Const
L=100
µH
ITR06817
Reverse Bias A S O
PC -- Ta
ITR06819
0
20
40
60
80
100
120
140
160
VCC=200V
IC=5IB1= --2.5IB2
R load
tstg
tf
ton
0
10
3
20
30
40
50
60
No heat sink
1.0
0.1
7
5
3
2
5
3
2
7
5
3
2
1.0
0.1
25
3
10
25
3
100
25
3
1000
25
3
ITR06818
Rth(t) -- t
Tc=25
°C
Dissipation
limited
0.1
23
5 7 1.0
0.01
2
3
57
2
3
57 10
2
Collector Current, IC – A
Ambient Temperature, Ta –˚C
Collector Current, IC – A
Collector-to-Emitter Voltage, VCE – V
Time, t – ms
Collector-to-Emitter Sustain Voltage, VCE(sus) – V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com