Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4480 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC4480
Description  High-Frequency General-Purpose Amp, General Driver Applications????????????
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4480 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC4480 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4480 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4480 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - 2SC4480

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4481 SANYO-2SC4481 Datasheet
119Kb / 4P
Low-Frequency General-Purpose Amp Applications????
2SC4482 SANYO-2SC4482 Datasheet
84Kb / 3P
High-Current Switching Applications
logo
ON Semiconductor
2SC4482 ONSEMI-2SC4482 Datasheet
580Kb / 6P
Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single NMP
September, 2013
2SC4482T-AN ONSEMI-2SC4482T-AN Datasheet
580Kb / 6P
Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single NMP
September, 2013
2SC4482U-AN ONSEMI-2SC4482U-AN Datasheet
580Kb / 6P
Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single NMP
September, 2013
More results

Similar Description - 2SC4480

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC2814 SANYO-2SC2814 Datasheet
110Kb / 4P
High-Frequency General-Purpose Amp Applications???
2SC5069 SANYO-2SC5069 Datasheet
85Kb / 3P
Low-Frequency General-Purpose Amp, Driver Applications?
2SC5070 SANYO-2SC5070 Datasheet
86Kb / 3P
Low-Frequency General-Purpose Amp, Driver Applications?
2SK1065 SANYO-2SK1065 Datasheet
107Kb / 4P
High-Frequency General-Purpose Amp Applications
2SK1066 SANYO-2SK1066 Datasheet
210Kb / 6P
High-Frequency General-Purpose Amp Applications?
2SK242 SANYO-2SK242 Datasheet
130Kb / 5P
High-Frequency, General-Purpose Amp Applications?????????????
2SK937 SANYO-2SK937 Datasheet
70Kb / 3P
High-Frequency General-Purpose Amp Applications?
FC139 SANYO-FC139 Datasheet
80Kb / 3P
Low-Frequency General-Purpose Amp, General Driver Applications
FC149 SANYO-FC149 Datasheet
85Kb / 3P
Low-Frequency General-Purpose Amp, Driver Applications
FC150 SANYO-FC150 Datasheet
145Kb / 4P
Low-Frequency General-Purpose Amp, Driver Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com