Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4579 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC4579
Description  900V/20mA Switching Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4579 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC4579 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4579 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4579 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - 2SC4579

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4570 NEC-2SC4570 Datasheet
66Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
logo
Inchange Semiconductor ...
2SC4570 ISC-2SC4570 Datasheet
280Kb / 9P
isc Silicon NPN RF Transistor
logo
Renesas Technology Corp
2SC4570 RENESAS-2SC4570 Datasheet
268Kb / 9P
NPN SILICON RF TRANSISTOR
2004
logo
NEC
2SC4570-T1 NEC-2SC4570-T1 Datasheet
66Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
logo
Renesas Technology Corp
2SC4570-T1 RENESAS-2SC4570-T1 Datasheet
268Kb / 9P
NPN SILICON RF TRANSISTOR
2004
More results

Similar Description - 2SC4579

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4030 SANYO-2SC4030 Datasheet
118Kb / 4P
900V/50mA Switching Applications
2SC4031 SANYO-2SC4031 Datasheet
87Kb / 3P
900V/20mA Switching Applications
2SC4572 SANYO-2SC4572 Datasheet
79Kb / 3P
800V/20mA Switching Applications
2SC4578 SANYO-2SC4578 Datasheet
89Kb / 3P
NPN Triple Diffused(for 900V/50mA Switching)
2SC3675 SANYO-2SC3675 Datasheet
97Kb / 3P
900V/100mA High-Voltage Amplifier High-Voltage Switching Applications
2SC4630LS SANYO-2SC4630LS Datasheet
27Kb / 3P
900V/100mA High-Voltage Amplifier,High-Voltage Switching Applications
2SC4631LS SANYO-2SC4631LS Datasheet
28Kb / 3P
900V/300mA High-Voltage Amplifier,High-Voltage Switching Applications
2SC4635LS SANYO-2SC4635LS Datasheet
28Kb / 3P
1500V/20mA High-Voltage Amplifier,High-Voltage Switching Applications
logo
Monolithic Power System...
HF900 MPS-HF900 Datasheet
790Kb / 25P
900V Offline Switching Regulator
MP110 MPS-MP110 Datasheet
2Mb / 23P
900V Offline Switching Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com